Electronic Components Datasheet Search
  English  ▼

X  

AD1672 Datasheet(PDF) 5 Page - Analog Devices

Part # AD1672
Description  Complete 12-Bit, 3 MSPS Monolithic A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1672 Datasheet(HTML) 5 Page - Analog Devices

  AD1672 Datasheet HTML 1Page - Analog Devices AD1672 Datasheet HTML 2Page - Analog Devices AD1672 Datasheet HTML 3Page - Analog Devices AD1672 Datasheet HTML 4Page - Analog Devices AD1672 Datasheet HTML 5Page - Analog Devices AD1672 Datasheet HTML 6Page - Analog Devices AD1672 Datasheet HTML 7Page - Analog Devices AD1672 Datasheet HTML 8Page - Analog Devices AD1672 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD1672
REV. 0
–5–
PIN DESCRIPTION
Pin
Symbol
No.
Type
Name and Function
DRCOM
1
P
Digital Output Driver Ground.
BIT 12
2
DO
Data Bit (LSB).
BIT 2–11
3–12
DO
Data Bits.
BIT 1
13
DO
Data Bit (MSB).
DRVDD
14
P
+5 V Digital Output Driver Sup-
ply.
OTR
15
DO
Out of Range is Active High on
the leading edge of Code 0 or the
trailing edge of Code 4096. See
Output Data Format Table V.
CLOCK
16
DI
Sample Clock.
VDD
17
P
+5 V Digital Supply.
DCOM
18
P
Digital Ground.
REFCOM
19, 24
P
Analog Ground.
REFOUT
20
AO
2.5 V Reference Output
(Decouple with 1
µF ceramic
capacitor to REFCOM).
AIN1
21
AI
Analog Input.
AIN2
22
AI
Analog Input.
REFIN
23
AI
Reference Input.
NCOMP2
25
AO
Noise Compensation (Decouple
with 1
µF ceramic capacitor to
ACOM).
NCOMP1
26
AO
Noise Compensation (Decouple
with 1
µF ceramic capacitor to
ACOM).
ACOM
27
P
Analog Ground.
VCC
28
P
+5 V Analog Supply.
TYPE: AI = Analog Input; DI = Digital Input; P = Power;
AO = Analog Output; DO = Digital Output.
ORDERING GUIDE
Model
Temperature Range
Package
AD1672AP
–40
°C to +85°C
P-28A
PIN CONFIGURATION
7
8
9
10
11
5
6
28 27 26
1
2
3
4
21
22
23
24
25
19
20
12 13
14 15 16 17
18
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
NCOMP2
REFCOM
REFIN
AIN2
AIN1
AD1672
BIT 4
BIT 3
REFOUT
REFCOM
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com