Electronic Components Datasheet Search
  English  ▼

X  

AD1672 Datasheet(PDF) 16 Page - Analog Devices

Part # AD1672
Description  Complete 12-Bit, 3 MSPS Monolithic A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1672 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1672 Datasheet HTML 12Page - Analog Devices AD1672 Datasheet HTML 13Page - Analog Devices AD1672 Datasheet HTML 14Page - Analog Devices AD1672 Datasheet HTML 15Page - Analog Devices AD1672 Datasheet HTML 16Page - Analog Devices AD1672 Datasheet HTML 17Page - Analog Devices AD1672 Datasheet HTML 18Page - Analog Devices AD1672 Datasheet HTML 19Page - Analog Devices AD1672 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD1672
REV. 0
–16–
Clock Input
A 49.9
Ω resistor (R9) terminates this input. Remove and/or
replace this resistor with other values in order to match different
cable impedances. An external sample clock must be provided
to the BNC connector labeled CLK (J5). The rising or falling
edge of CLK can be selected to trigger a conversion and is avail-
able to the user via the connector E1 by configuring S1 and S3.
The CLK INPUT has two modes of operation which is
determined by the position of S5. When S5 is in Position B, the
CLK is directly coupled to U5, a Hex inverter with Schmitt trig-
ger inputs. The requisite input levels are CMOS-compatible in
this mode. When S5 is in Position A, the CLK is ac coupled via
C23 and level shifted via R10, R12, and R13. This mode is
used to generate a low jitter clock input for the AD1672 with a
tunable duty cycle. The input to CLK (J5) is a filtered 5 V p-p
sine wave at the desired sampling frequency. The duty cycle
may be adjusted via R10.
S1
Selects the rising or falling edge of CLK to initiate a con-
version. When S1 is in Position A, the falling edge of
CLK is selected. When S1 is in Position B, the rising
edge of CLK is selected.
S3
Selects the rising or falling edge of CLK made available to
the user via the connector via E1, Pin 33. When S3 is in
Position A, the rising edge of CLK is selected. When S1
is in Position B, the falling edge of CLK is selected.
S5
Selects CLK INPUT mode of operation. If S5 is in Posi-
tion A, the low jitter, ac coupled mode of operation is se-
lected. If S5 is Position B, the dc coupled mode
of operation is selected.
Digital Inputs/Outputs
The digital outputs of the AD1672 are buffered and connected
to a 40-pin IDC connector (E1). The digital output can be ei-
ther in a straight binary or twos complement format by configur-
ing S2. S2 selects the MSB output or its complement. The
Out-of-Range (OTR) output is available on test point, OTR.
S2
Selects either the MSB or its complement for either
straight binary or twos complement digital output data
formatting, respectively. When S2 is in Position A, the
straight binary format is selected. When S2 is in Position
B, the twos complement format is selected.
Layout Considerations
Figure 31 to 34 show the schematic diagram, component layout,
trace routing, and silk screening for the AD1672 4-layer
evaluation board. Figure 35 and 36 show the AD1672 ground
and power plane layouts.
The AD1672-EB is a 4-layer evaluation board consisting of
separate ground and power plane layouts. Separate ground and
power planes have several advantages for high speed layouts.
(For further information outlining these advantages, see the
application note “Design and Layout of a Video Graphics Sys-
tem for Reduced EMI” [E1309] available from Analog Devices
[(617) 461-3392].) The ground planes are separated into ana-
log and digital planes that are joined together under the AD1672.
The AD1672 should be treated as an analog component and a
common ground connection should be made underneath the
AD1672 despite some pins being labeled “digital” and some as
“analog” ground plane.
A summary of the test point designators and a parts list is given
in Table VIII and IX.
Table VIII. Summary of Test Point Designators
Test Point
Description
TP1
AGND
TP2
AIN
TP3
VCC for U1 and U3
TP4
DAC08 (U3) VOUT
TP5
DRVDD
TP6
DGND
TP7
CLK
Table IX. AD1672 EB Parts List
Reference
Value/Part Type
Package
Qty/Bd
U1
AD8047
8-Pin DIP
1
U2
REF192
8-Pin DIP
1
U3
DAC08
16-Pin DIP
1
U4
AD1672
28-Pin PLCC
1
U5
74HC14N
14-Pin DIP
1
U6, U7
74HC541N
20-Pin DIP
2
AIN, CLK
BNC JACKs
Small, Vertical
2
JP1–10
Headers/Shunts
2-Pin
10
S1-S5
SPDT, Secme
0.1"
× 0.3"
5
E1
40-Pin IDC
R.A., Male
1
Connector
w/Latches
R1, R9
50
Ω
1%, 1/4
Ω
2
R2–R4
499
Ω
1%, 1/4
Ω
6
R11–R13
R5
4.99 k
Ω
1%, 1/4
Ω
1
R6
100
Ω
1%, 1/4
Ω
1
R7, R8
2.49 k
Ω
1%, 1/4
Ω
2
R10
2.0 k
Ω POT
1%, 1/4
Ω
2
C1, C2, C4,
0.1
µF
Ceramic, SMT
11
C12–C16,
C18–C20
C3, C6–C9,
1.0
µF
Ceramic,
8
C11, C22, C23
Throughhole
C5, C17, C21
10
µF
Tantanlum
3
Throughhole
C10
0.01
µF
Ceramic
1
C24
47
µF
Alum. Elect.
1
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com