Electronic Components Datasheet Search
  English  ▼

X  

AD1672 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1672
Description  Complete 12-Bit, 3 MSPS Monolithic A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1672 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1672 Datasheet HTML 6Page - Analog Devices AD1672 Datasheet HTML 7Page - Analog Devices AD1672 Datasheet HTML 8Page - Analog Devices AD1672 Datasheet HTML 9Page - Analog Devices AD1672 Datasheet HTML 10Page - Analog Devices AD1672 Datasheet HTML 11Page - Analog Devices AD1672 Datasheet HTML 12Page - Analog Devices AD1672 Datasheet HTML 13Page - Analog Devices AD1672 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD1672
REV. 0
–10–
The selection of the buffer is of particular concern in preserving
the performance of the AD1672. The total output referred-
noise contribution of the selected amplifier should be less than
200
µV rms to preserve the AD1672’s noise performance. The
amplifiers harmonic distortion should be 12 dB or better in per-
formance than the AD1672 over the bandwidth and signal level
range of the particular application. The selected amplifier
should settle to 0.01% within 70 ns.
Table I lists the performance of various suitable amplifiers when
configured for a gain of +1 or –1 with the AD1672 configured
for
±2.5 V bipolar operation and f
CLOCK = 3 MHz. The AD80xx
family of high speed amplifiers are only suitable for
±2.5 V
bipolar and 0 V–2.5 V unipolar operation due to their power-
supply range and voltage output swing constraints. Note that
the SNR, THD, and SFDR results in Tables I, II and III are for
a 750 kHz full-scale (–0.5 dB) input signal. These results were
determined experimentally using the AD1672 evaluation board,
and hence the stated amplifier’s performance is inclusive of the
AD1672.
Table I. –2.5 V to +2.5 V Range
ADI
Part #
SNR
THD
SFDR
Gain
AD8047
70.5
–67.5
–68.4
+1
AD8041
70.0
–67.3
–68.2
+1
AD8011
70.5
–67.0
–67.8
+1
AD817
70.4
–62.1
–62.9
+1
AD818
70.3
–65.0
–68.0
–1
AD811
70.3
–61.9
–63.4
+1
w/o Op Amp
70.5
–67.5
–68.4
Table II lists the performance of three high speed amplifiers
which are configured for a gain of +1 or –1 with the AD1672
configured for 0 V to 5 V unipolar operation and fCLOCK = 3 MHz.
Note that these amplifiers may operate at the higher power sup-
ply range to achieve the 0 V to 5 V output swing.
Table II. 0 V to +5 V Range
Settling
ADI
Time (ns)
Part #
SNR
THD
to 0.01%
Gain
AD811
70.1
–67.6
65
+1
AD817
70.1
–68.9
70
+1
AD818
70.0
–67.4
80
–1
Table III lists the performance of two high speed amplifiers
specified for single supply operation. They are configured for
a gain of +1 with the AD1672 configured for 0 V to 2.5 V
unipolar operation and fCLOCK = 3 MHz. The output of these
amplifiers are ac coupled to the AD1672.
Table III. AC Coupled 0 V to 2.5 V Range
ADI
Part #
SNR
THD
SFDR
AD8011
70.1
–70.0
–71.6
AD8041
69.7
–71.3
–73.4
nsec
0
160
20
40
60
80
100
120
140
4500
4000
0
2000
1500
1000
500
3000
2500
3500
Figure 14. Typical AD1672 Settling Time
The AD1672 will contribute its own wideband thermal noise.
As a result of the integrated wideband noise (1/4 LSB rms,
referred-to-input), applying a dc analog input produces more
than one code at the output. A histogram analysis of the
AD1672 with a dc input is shown in Figure 15. It shows a bell
shaped curve consistent with the Gaussian nature of the thermal
noise. This histogram will be approximately 3 codes wide,
depending on how well the input is centered on a given code
and how many samples are taken. Figure 16 illustrates the
AD1672’s transition noise.
DEVIATION FROM CORRECT CODE – LSB
2100000
1800000
0
1200000
900000
600000
300000
1500000
+1
–1
0
2015807
13639
67324
Figure 15. Typical Grounded Histogram
100
90
0
60
30
20
10
80
70
40
50
σ = 0.25 LSB RMS
CODE X
CODE X
÷ 1
Figure 16. Code Probability at a Transition
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com