Electronic Components Datasheet Search
  English  ▼

X  

AD9624 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9624
Description  Wideband Voltage Feedback Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9624 Datasheet(HTML) 4 Page - Analog Devices

  AD9624 Datasheet HTML 1Page - Analog Devices AD9624 Datasheet HTML 2Page - Analog Devices AD9624 Datasheet HTML 3Page - Analog Devices AD9624 Datasheet HTML 4Page - Analog Devices AD9624 Datasheet HTML 5Page - Analog Devices AD9624 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
OBSOLETE
AD9624
REV. 0
–4–
Layout Considerations
As with all wide bandwidth components, printed circuit layout
is critical to obtain best dynamic performance with the AD9624.
The ground plane in the area of the amplifier and its associated
components should cover as much of the component side of the
board as possible (or first interior layer of a multilayer surface
mount board).
The ground plane should be removed in the area of the inputs
and RF and RG to minimize stray capacitance at the input. The
same precaution should be used for CB, if used. Each power
supply trace should be decoupled close to the package with a
0.1
µF ceramic capacitor, plus a 6.8 µF tantalum nearby.
All lead lengths for input, output, and feedback resistor should
be kept as short as possible. All gain setting resistors should be
chosen for low values of parasitic capacitance and inductance,
i.e., microwave resistors and/or carbon resistors.
Stripline techniques should be used for lead lengths in excess of
one inch. Sockets should be avoided if at all possible because of
their high series inductance. If sockets are necessary, individual
pin sockets such as AMP p/n 6-330808-3 should be used. These
contribute far less stray reactance than molded socket
assemblies.
An evaluation board is available from Analog Devices for a
nominal charge.
Bootstrap Capacitor (CB)
In most applications, the CB capacitor should not be required.
Under certain conditions, it can be used to further enhance set-
tling time performance.
The CB capacitor (0.001
µF) connects to the internal high im-
pedance nodes of the amplifier. Using this capacitor will reduce
the large signal (4 V) step output settling time by 3 ns to 5 ns
for 0.05% or greater accuracy. For settling accuracy less than
0.05% or for smaller step sizes, its effect will be less apparent.
Under heavy slew conditions, this capacitor forces the internal
signal (initial step) amplitude to be controlled by the “on”
(slewed) transistor, preventing its complement from completely
turning off. This allows for faster settling time of these (internal)
nodes and also the output.
In the frequency domain, total (high frequency) distortion will
be approximately the same with or without CB. Typically, the
3rd harmonic will be greater than the 2nd without CB. This will
be reversed with CB in place.
APPLICATIONS
The AD9624 is a voltage feedback amplifier and is well suited
for such applications as active filters, and log amplifiers. The
device’s wide bandwidth (190 MHz), phase margin (65
°), low
noise current (2.5 pA /
√Hz), and slew rate (2000 V/µs) give
higher performance capabilities to these applications over previ-
ous voltage feedback designs.
Its settling time of 15 ns to 0.01% and 8 ns to 0.1%, and its low
harmonic distortion make it a good for choice for ADC signal
amplification. With superb linearity at relatively high signal fre-
quencies, it is an ideal driver for ADCs up to 14 bits.
R
F
C
F
C
I
V
OUT
Figure 1. Transimpedance
Configuration
R
G
2
3
4
7
6
0.1
µF
0.1
µF
1
8
6.8
µF
V
IN
6.8
µF
+V
S
–V
S
C
F
V
OUT
R
F
500
Ω
A
V = 1+
R
F
R
G
C
B (OPTIONAL)
Figure 3. Noninverting Gain Connection
Diagram
2
3
4
7
6
0.1
µF
0.1
µF
1
8
6.8
µF
R
F
R
G
R
G
V
IN
6.8
µF
+V
S
–V
S
C
F
V
OUT
R
F
500
Ω
A
V =
–R
F
R
G
C
B (OPTIONAL)
Figure 2. Inverting Gain Connection
Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com