Electronic Components Datasheet Search
  English  ▼

X  

AD9624 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9624
Description  Wideband Voltage Feedback Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9624 Datasheet(HTML) 3 Page - Analog Devices

  AD9624 Datasheet HTML 1Page - Analog Devices AD9624 Datasheet HTML 2Page - Analog Devices AD9624 Datasheet HTML 3Page - Analog Devices AD9624 Datasheet HTML 4Page - Analog Devices AD9624 Datasheet HTML 5Page - Analog Devices AD9624 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OBSOLETE
AD9624
REV. 0
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltages (
±V
S) . . . . . . . . . . . . . . . . . . . . . . . . . . . ± 6 V
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Continuous Output Current
2 . . . . . . . . . . . . . . . . . . . . . 90 mA
Operating Temperature Ranges
AN, AQ, AR . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
SQ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature
Ceramic . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Plastic . . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Junction Temperature
Ceramic
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
Plastic
3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Lead Soldering Temperature (1 minute)
4
. . . . . . . . . . +220
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Output is short-circuit protected; for maximum reliability, 90 mA continuous
current should not be exceeded.
3Typical thermal impedances (part soldered onto board; no air flow):
Ceramic DIP:
θ
JA = 100°C/W; θJC = 30°C/W
Plastic SOIC:
θ
JA = 125°C/W; θJC = 45°C/W
Plastic DIP:
θ
JA = 90°C/W; θJC = 45°C/W
4Temperature shown is for surface mount devices, mounted by vapor phase
soldering. Throughhole devices (ceramic and plastic DIPs) can be soldered at
+300
°C for 10 seconds.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9624AN
–40
°C to +85°C
8-Pin Plastic DIP
N-8
AD9624AQ
–40
°C to +85°C
8-Pin Cerdip
Q-8
AD9624AR
–40
°C to +85°C
8-Pin SOIC
R-8
AD9624SQ
–55
°C to +125°C 8-Pin Cerdip
Q-8
EXPLANATION OF TEST LEVELS
Test Level
I
– 100% production tested.
II – 100% production tested at +25
°C, and sample tested at
specified temperatures. AC testing of “A” grade devices
done on sample basis.
III – Sample tested only.
IV – Parameter is guaranteed by design and characterization
testing.
V
– Parameter is a typical value only.
VI – All devices are 100% production tested at +25
°C. 100%
production tested at temperature extremes for extended
temperature devices; sample tested at temperature ex-
tremes for commercial/industrial devices.
–V
S
46.5mm
– INPUT
46.5 MILS
CB–
CB+
–INPUT +INPUT
+V
S
OUTPUT
54
MILS
Chip Layout
THEORY OF OPERATION
The AD9624 is a wide bandwidth voltage feedback amplifier
that is guaranteed for minimum gain stability of +6. Since its
open-loop frequency response follows the conventional 6 dB/
octave roll-off, its gain bandwidth product is basically constant.
Increasing its closed-loop gain results in a corresponding de-
crease in small signal bandwidth. The AD9624 typically main-
tains a 60 degree unity loop gain phase margin with RF ≅ 510 Ω.
This high margin minimizes the effects of signal and noise
peaking.
Feedback Resistor Choice
At minimum stable gain (+6), the AD9624 provides optimum
dynamic performance with RF = 510
Ω. When using this value
and following the high speed layout guidelines, a shunt capacitor
(CF) should not be required. This value for RF provides the best
combination of wide bandwidth, low peaking, and distortion.
However, if improved gain flatness is desired, a shunt capacitor
(CF) will provide extra phase margin. This reduces both over-
shoot and peaking with only a slight reduction of bandwidth.
As an example, if the amplifier exhibits (worst case) peaking of
1.2 dB with RG RF = 85
Ω (A
V = 6), then using a CF of
≈ 0.5 pF(two 1 pF capacitors in series) across R
F will reduce this
peaking to 0 dB. In addition, overshoot, noise, and settling time
(<0.01%) will also improve. This comes at the expense of
slightly decreased closed-loop bandwidth due to the RF
CF
time constant created.
If the equivalent input capacitance greatly exceeds 4 pF (due to
source drive or long input traces to the amplifier), then added
shunt capacitance (CF) will be necessary to maintain stability at
minimum gain.
As a rule of thumb, if the product of RF RG
CI ≤ 300
10
–12
seconds, then CF is not required (for maximum bandwidth ap-
plications) and the amplifier’s phase margin will maintain
about 60
°. Generally, this should be the case.
Pulse Response
Unlike a traditional voltage feedback amplifier in which slew
speed is usually dictated by its front end dc quiescent current
and gain bandwidth product, the AD9624 provides “on de-
mand” transconductance current that increases proportionally
to the input “step” signal amplitude. This results in slew speeds
(2000 V/
µs) comparable to wideband current feedback designs.
This, combined with relatively low input noise current
(2.5 pA/
√Hz), gives the AD9624 the best attributes of both volt-
age and current feedback amplifiers.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com