Electronic Components Datasheet Search
  English  ▼

X  

HEX7 Datasheet(PDF) 3 Page - ABCircuits

Part # HEX7
Description  BCD or Hexadecimal to Seven Segment Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

HEX7 Datasheet(HTML) 3 Page - ABCircuits

  HEX7 Datasheet HTML 1Page - ABCircuits HEX7 Datasheet HTML 2Page - ABCircuits HEX7 Datasheet HTML 3Page - ABCircuits HEX7 Datasheet HTML 4Page - ABCircuits HEX7 Datasheet HTML 5Page - ABCircuits HEX7 Datasheet HTML 6Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number HEX7
Copyright © 2014 ABCircuits. Revised September 2014 Page 3 of 6
POL
Polarity input. If this pin is open or high, the “on” segments will have a high level on the SEG
outputs of the chip. If this pin is low or grounded “on” segments will output as a low on the SEG
pins. This pin is read once at power up and has a built in pull up resistor.
SEGLA, SEGLB, SEGLC, SEGLD, SEGLE, SEGLF, SEGLG
SEGRA, SEGRB, SEGRC, SEGRD, SEGRE, SEGRF, SEGRG
SEGL is the left hand of the two displays.
SEGR is the right hand of the two displays
If the POL pin is open or hi, this SEG outputs will be high when a segment is on.
If the POL pin is low or grounded, the SEG outputs will be low when a segment is on.
These are the seven segment outputs to each individual display An external driver or current
limiting resistor is required for each segment. If you are using only a resistor, it must be sized to
limit source current to 5 mA maximum per pin or sink current to 9 mA per pin.
See also the segment table, and the seven segment translation table.
L1, L2, L4, L8
R1, R2, R4, R8
Parallel input of the data to be displayed. L1-4 is the left digit, R1-4 is the right digit. 1’s are least
significant bit, and 8’s are most significant bit.
VSS
Connect to system ground.
VDD
Connect to supply voltage of 2.4 to 5 volts. A .1 uF decoupling capacitor to ground is
recommended.
NOTES:
Make no connection to the NC pins. Pins 9 and 19 must be left unconnected.
Segment Identification Table



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com