Electronic Components Datasheet Search
  English  ▼

X  

HEX7 Datasheet(PDF) 5 Page - ABCircuits

Part # HEX7
Description  BCD or Hexadecimal to Seven Segment Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

HEX7 Datasheet(HTML) 5 Page - ABCircuits

  HEX7 Datasheet HTML 1Page - ABCircuits HEX7 Datasheet HTML 2Page - ABCircuits HEX7 Datasheet HTML 3Page - ABCircuits HEX7 Datasheet HTML 4Page - ABCircuits HEX7 Datasheet HTML 5Page - ABCircuits HEX7 Datasheet HTML 6Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number HEX7
Copyright © 2014 ABCircuits. Revised September 2014 Page 5 of 6
DC Electrical Characteristics
Symbol
Description
Min
Typical
Max
Units
Notes
Vdd
Supply Voltage
2.4
5.25
V
Idd
Supply Current
5
8
mA
Note 1
Voh
High Output Level
Vdd - 1.0
V
Note 2
Vol
Low Output Voltage
0.75
V
Note 3
Vih
Input High Level
2.1
V
Vil
Input Low Level
0.8
V
Ioh
High Level Source Current
10
mA
Note 2
Iol
Low Level Sink Current
25
mA
Note 3
Cio
Capacitive load
3.5
10
pF
Iil
Input leakage
1
nA
Rpu
Pull Up Resistors On Inputs
4
5.6
8
k?
Note 1: Vdd=5VDC, all inputs and outputs open
Note 2 Ioh=10 mA max per pin, 80 mA maximum all pins combined
Note 3 Iol=25 mA max per pin 150 mA maximum all pins combined
Theory Of Operation
The HEX7 IC is a custom programmed microprocessor designed to monitor a parallel input and
convert the received data to seven segment format. The device allows the outputs to be inverted
if necessary to simplify driver construction. The IC displays in decimal (0-9) or hexadecimal (0-F)
characters.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com