Electronic Components Datasheet Search
  English  ▼

X  

HEX7 Datasheet(PDF) 1 Page - ABCircuits

Part # HEX7
Description  BCD or Hexadecimal to Seven Segment Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

HEX7 Datasheet(HTML) 1 Page - ABCircuits

  HEX7 Datasheet HTML 1Page - ABCircuits HEX7 Datasheet HTML 2Page - ABCircuits HEX7 Datasheet HTML 3Page - ABCircuits HEX7 Datasheet HTML 4Page - ABCircuits HEX7 Datasheet HTML 5Page - ABCircuits HEX7 Datasheet HTML 6Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number HEX7
Copyright © 2014 ABCircuits. Revised September 2014 Page 1 of 6
HEX7 IC
BCD or Hexadecimal to Seven Segment Controller
General Description
The HEX7 IC is a two digit BCD or hexadecimal to seven segment convert er. Eight bits of
parallel input is converted to drive two seven segment displays. Output polarity control is
provided. The HEX7 IC has internal pull resistors on inputs to minimize additional parts.
A .1
uF bypass capacitor is suggested across the VDD and VSS pins. The part uses the standard 28
pin .3 inch width SOIC and DIP packages.
Features
• Hexadecimal to seven segment
display converter.
• BCD to seven segment display
converter.
• No external parts required.
• Low power consumption 5 mA
typical.
• Supply voltage 2.4 to 5.25 volts.
• On chip input resistors.
• Output polarity select.
• TTL and CMOS compatible.
• Part is in full production.
• SOIC and DIP 28 Pin Package.
• ROHS Compliant.
• Low EMI.
Applications
• Numeric Displays.
• Controls.
• Price Signs.


Similar Part No. - HEX7

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HEX COOPER-HEX Datasheet
62Kb / 2P
TRON짰 In-Line Fuseholders
HEX COOPER-HEX Datasheet
841Kb / 6P
HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
logo
Eaton All Rights Reserv...
HEX EATON-HEX Datasheet
996Kb / 6P
HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
logo
CBC Group. CBC AMERICA ...
HEX COMPUTAR-HEX Datasheet
773Kb / 3P
UL Classified Explosion-Proof Housings HEX Series
06/22
HEX-40140 COMPUTAR-HEX-40140 Datasheet
773Kb / 3P
UL Classified Explosion-Proof Housings HEX Series
06/22
More results

Similar Description - HEX7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS247 MOTOROLA-SN54LS247 Datasheet
280Kb / 8P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
Texas Instruments
SN54246 TI-SN54246 Datasheet
423Kb / 11P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN5446A TI-SN5446A Datasheet
583Kb / 14P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
Intersil Corporation
CA3161 INTERSIL-CA3161 Datasheet
17Kb / 4P
BCD to Seven Segment Decoder/Driver
August 1997
logo
Texas Instruments
SN54LS347 TI-SN54LS347 Datasheet
178Kb / 3P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
logo
Motorola, Inc
MC14558B MOTOROLA-MC14558B Datasheet
220Kb / 7P
BCD-TO-SEVEN SEGMENT DECODER
logo
Texas Instruments
SN74LS247NE4 TI1-SN74LS247NE4 Datasheet
931Kb / 12P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
SN74LS247NSR TI-SN74LS247NSR Datasheet
931Kb / 12P
BCD-TO-SEVEN-SEGMENT DECODERS/DRIVERS
CD4543B TI1-CD4543B_15 Datasheet
1Mb / 17P
Cmos BCD-to-Seven-Segment Lactch
logo
Renesas Technology Corp
CA3161 RENESAS-CA3161 Datasheet
264Kb / 3P
BCD to Seven Segment Decoder/Driver
Aug 1997
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com