Electronic Components Datasheet Search
  English  ▼

X  

AD688 Datasheet(PDF) 5 Page - Analog Devices

Part # AD688
Description  High Precision 10 V Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD688 Datasheet(HTML) 5 Page - Analog Devices

  AD688 Datasheet HTML 1Page - Analog Devices AD688 Datasheet HTML 2Page - Analog Devices AD688 Datasheet HTML 3Page - Analog Devices AD688 Datasheet HTML 4Page - Analog Devices AD688 Datasheet HTML 5Page - Analog Devices AD688 Datasheet HTML 6Page - Analog Devices AD688 Datasheet HTML 7Page - Analog Devices AD688 Datasheet HTML 8Page - Analog Devices AD688 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD688
Rev. B | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
+10V OUT FORCE
1
+VS 2
+10V OUT SENSE
3
A3 IN
4
–VS
16
–10V OUT FORCE
15
–10V OUT SENSE
14
A4 IN
13
GAIN ADJ
5
BAL ADJ
12
VHIGH 6
NC
11
NOISE REDUCTION
7
NC
10
VLOW 8
GND SENSE +IN
9
NC = NO CONNECT
AD688
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
+10 V OUT FORCE
+10 V Output with Kelvin Force. Connect to Pin 3.
2
+VS
Positive Power Supply.
3
+10 V OUT SENSE
+10 V Output with Kelvin Sense. Connect to Pin 1.
4
A3 IN
+ Input to A3. Connect to VHIGH, Pin 6.
5
GAIN ADJ
Reference Gain Adjustment for Calibration. See the Calibration section.
6
VHIGH
Unbuffered Reference High Output.
7
NOISE REDUCTION
Noise Filtering Pin. Connect external 1 µF capacitor to ground to reduce output noise, see the
Noise Performance and Reduction section. May be left open.
8
VLOW
Unbuffered Reference Low Output.
9
GND SENSE +IN
Gound with Kelvin Sense.
10
NC
No Connection. Leave floating.
11
NC
No Connection. Leave floating.
12
BAL ADJ
Reference Centering Adjustment for Calibration. See the Calibration section.
13
A4 IN
+ Input to A4. Connect to VLOW, Pin 8.
14
−10 V OUT SENSE
−10 V Output with Kelvin Sense. Connect to Pin 15.
15
−10 V OUT FORCE
−10 V Output with Kelvin Force. Connect to Pin 14.
16
−VS
Negative Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com