Electronic Components Datasheet Search
  English  ▼

X  

AD688 Datasheet(PDF) 10 Page - Analog Devices

Part # AD688
Description  High Precision 10 V Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD688 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD688 Datasheet HTML 6Page - Analog Devices AD688 Datasheet HTML 7Page - Analog Devices AD688 Datasheet HTML 8Page - Analog Devices AD688 Datasheet HTML 9Page - Analog Devices AD688 Datasheet HTML 10Page - Analog Devices AD688 Datasheet HTML 11Page - Analog Devices AD688 Datasheet HTML 12Page - Analog Devices AD688 Datasheet HTML 13Page - Analog Devices AD688 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD688
Rev. B | Page 10 of 16
FREQUENCY (Hz)
100
–20
10
10M
100
1k
10k
100k
1M
80
60
40
20
0
GAIN
PHASE
0
–180
–30
–60
–90
–120
–150
Figure 14. A3, A4 Open-Loop Frequency Response
FREQUENCY (Hz)
110
0
10
10M
100
1k
10k
100k
1M
100
80
60
40
20

VS = ±15V
VCM = 1V p-p 25°C
Figure 15. A3, A4 CMR vs. Frequency
FREQUENCY (Hz)
110
10
10
10M
100
1k
10k
100k
1M
100
80
60
40
20
VS = ±15V WITH
1V p-p SINE WAVE
+SUPPLY
–SUPPLY
Figure 16. A3, A4 PSR vs. Frequency
FREQUENCY (Hz)
1
10k
10
100
1k
100
90
0
80
70
60
50
40
30
20
10
Figure 17. Input Noise Voltage Spectral Density
100
90
10
0%
5V
50
µs
Figure 18. Unity-Gain Follower Pulse Response (Large Signal)
100
90
10
0%
50mV
2
µs
Figure 19. Unity-Gain Follower Pulse Response (Small Signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com