Electronic Components Datasheet Search
  English  ▼

X  

AD688 Datasheet(PDF) 8 Page - Analog Devices

Part # AD688
Description  High Precision 10 V Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD688 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD688 Datasheet HTML 4Page - Analog Devices AD688 Datasheet HTML 5Page - Analog Devices AD688 Datasheet HTML 6Page - Analog Devices AD688 Datasheet HTML 7Page - Analog Devices AD688 Datasheet HTML 8Page - Analog Devices AD688 Datasheet HTML 9Page - Analog Devices AD688 Datasheet HTML 10Page - Analog Devices AD688 Datasheet HTML 11Page - Analog Devices AD688 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD688
Rev. B | Page 8 of 16
NOISE PERFORMANCE AND REDUCTION
The noise generated by the AD688 is typically less than
6 µV p-p over the 0.1 Hz to 10 Hz band. Noise in a 1 MHz
bandwidth is approximately 840 µV p-p. The dominant source
of this noise is the buried Zener which contributes
approximately 140 nV/√Hz. In comparison, the op amp’s
contribution is negligible. Figure 6 shows the 0.1 Hz to 10 Hz
noise of a typical AD688.
1
µV
1mV
5s
100
90
10
0%
Figure 6. 0.1 Hz to 10 Hz Noise
If further noise reduction is desired, an optional capacitor can
be added between the noise reduction pin and ground as shown
in Figure 5. This will form a low-pass filter with the 5 kΩ RB on
the output of the Zener cell. A 1 µF capacitor will have a 3 dB
point at 32 Hz and will reduce the high frequency noise (to
1 MHz) to about 250 µV p-p. Figure 7 shows the 1 MHz noise of
a typical AD688 both with and without a 1 µF capacitor.
200
µV
50
µs
CN = 1µF
NO CN
Figure 7. Effect of 1 µF Noise Reduction Capacitor on Broadband Noise
TURN ON TIME
Upon application of power (cold start), the time required for
the output voltage to reach its final value within a specified
error is the turn on settling time. Two components normally
associated with this are: time for active circuits to settle and
time for thermal gradients on the chip to stabilize. Figure 8 and
Figure 9 show the turn on characteristics of the AD688. They
show the settling time to be about 600 µs. Note the absence of
any thermal tails when the horizontal scale is expanded to
2 ms/cm in Figure 9.
100
90
10
0%
+VS
–VS
+VOUT
10V
1mV
100
µs
10V
Figure 8. Turn On Characteristics: Electrical Turn On
100
90
10
0%
+VS
–VS
+VOUT
10V
1mV
2ms
10V
Figure 9. Turn On Characteristics: Extended Time Scale
Output turn on time is modified when an external noise
reduction capacitor is used. When present, this capacitor
presents an additional load to the internal Zener diode’s current
source, resulting in a somewhat longer turn on time. In the case
of a 1 µF capacitor, the initial turn on time is approximately
100 ms (Figure 10).
When the noise reduction feature is used, a 20 kΩ resistor
between Pin 6 and Pin 2 is required for proper startup.
100
90
10
0%
+VS
–VS
+VOUT
10V
1mV
20ms
10V
Figure 10. Turn On With 1 µF CN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com