Electronic Components Datasheet Search
  English  ▼

X  

L4995K Datasheet(PDF) 17 Page - STMicroelectronics

Part # L4995K
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995K Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L4995K Datasheet HTML 13Page - STMicroelectronics L4995K Datasheet HTML 14Page - STMicroelectronics L4995K Datasheet HTML 15Page - STMicroelectronics L4995K Datasheet HTML 16Page - STMicroelectronics L4995K Datasheet HTML 17Page - STMicroelectronics L4995K Datasheet HTML 18Page - STMicroelectronics L4995K Datasheet HTML 19Page - STMicroelectronics L4995K Datasheet HTML 20Page - STMicroelectronics L4995K Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
16
Motor drivers
Part number
Package
Technology
Output mode
Max on-state
resistance
R
DS(on) max (mΩ)
Current
limitation
(I
lim) typ (A)
Supply voltage (V
CC)
Absolute
max supply
voltage (V)
Highlights
min (V)
max (V)
L9997ND
SO‑20
BCD
2 half bridge
700
1.6
7
16.5
26
• Short‑circuit and over‑temperature protected
L99ASC03
TQFP‑48 ExPad
BCD6
3x half‑bridges
driver
‑
‑
6
28
40
• 3 half‑bridges driver to control external MOSFET
• 5 V voltage regulator (200 mA continuous)
• Watchdog and fail‑safe functionality
• PWM up to 80 kHz
• Configurable current sense amplifier
• Advanced BEMF detection IP
• Programmable overcurrent protection
• Drain‑source monitoring and openload detection
L99H01XP
PowerSSO‑36
BCD5
H‑bridge
280
‑
6
28
35
• Programmable free wheeling
• Current‑sense amplifier/free configuration
• Sensing circuitry of external MOSFET with embedded thermal
sensor
L99H01QF
LQFP‑32
BCD5
H‑bridge
280
‑
6
28
35
• Programmable free wheeling
• Current‑sense amplifier/free configuration
• Sensing circuitry of external MOSFET with embedded thermal
sensor
L99MD01XP
PowerSSO‑36
BCD5
Half bridge
1600
1.1
6
28
40
• Optimized for H‑VAC flaps
• DC‑stepper motor driver
• 8 H‑bridge driver
• Intrinsic DC‑DC step‑up converter
• 2 current monitor outputs
• All outputs short‑circuit protected
L99MD02XP
PowerSSO‑36
BCD5
Half bridge
1600
1.1
6
28
40
• Optimized for H‑VAC flaps
• DC‑motor driver
• 6 H‑bridge driver
• 2 current monitor outputs
• All outputs short‑circuit protected
VN5770AKP-E
SO‑28
M0‑5, M0‑3 2 HSD and 2 LSD
280
8.5
4.5
36
41
• Active power limitation (patent IP) on high side
• Thermal shutdown
VN5772AK-E
SO‑28
M0‑5
2 HSD and 2 LSD
100
18
4.5
36
41
• Active power limitation (patent IP) on both high and low side
• Thermal shutdown
VN770KP-E
SO‑28
M0‑3
2 HSD and 2 LSD
225
9
5.5
36
41
• Short‑circuit and over‑temperature protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com