Electronic Components Datasheet Search
  English  ▼

X  

L4995K Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4995K
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995K Datasheet(HTML) 5 Page - STMicroelectronics

  L4995K Datasheet HTML 1Page - STMicroelectronics L4995K Datasheet HTML 2Page - STMicroelectronics L4995K Datasheet HTML 3Page - STMicroelectronics L4995K Datasheet HTML 4Page - STMicroelectronics L4995K Datasheet HTML 5Page - STMicroelectronics L4995K Datasheet HTML 6Page - STMicroelectronics L4995K Datasheet HTML 7Page - STMicroelectronics L4995K Datasheet HTML 8Page - STMicroelectronics L4995K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
4
HIGH-SIDE SWITCHES – SINGLE CHANNEL
Part number
Package
Technology
Supply voltage (V
CC)
Absolute max
supply voltage
(V)
Max on-state
resistance
R
DS(on) max (mΩ)
Drain current
limit (I
lim) typ (A)
Digital status
Current sense
Multi-sense
min (V)
max (V)
VN5025AJ-E
PowerSSO‑12
M0‑5
4.5
36
41
25
40
•
VN5016AJ-E
PowerSSO‑12
M0‑5
4.5
36
41
16
60
•
VN5012AK-E
PowerSSO‑24
M0‑5
4.5
36
41
12
65
•
VN5010AK-E
PowerSSO‑24
M0‑5
4.5
36
41
10
65
•
VN5E006ASP-E
PowerSO‑10
M0‑5
4.5
28
41
6
100
•
VN800PS-E
SO‑8
M0‑3
5.5
36
41
135
1.3
•
VN800PT-E
PPAK
M0‑3
5.5
36
41
135
1.3
•
VN750B5-E
P²PAK
M0‑3
5.5
36
41
60
9
•
VN750-E
PENTAWATT
M0‑3
5.5
36
41
60
9
•
VN750PS-E
SO‑8
M0‑3
5.5
36
41
60
9
•
VN750PT-E
PPAK
M0‑3
5.5
36
41
60
9
•
VN750SMP-E
SO‑8
M0‑3
5.5
36
41
55
9
•
VN820B5-E
P²PAK
M0‑3
5.5
36
41
40
13
•
VN820PT-E
PPAK
M0‑3
5.5
36
41
40
13
•
VN820SP-E
PowerSO‑10
M0‑3
5.5
36
41
40
13
•
VN920DB5-E
P²PAK
M0‑3
5.5
36
41
18
45
•
VN920B5-E
P²PAK
M0‑3
5.5
36
41
16
45
•
VN920DSP-E
PowerSO‑10
M0‑3
5.5
36
41
16
45
•
VN920-E
PENTAWATT
M0‑3
5.5
36
41
16
45
•
VN920PEP-E
PowerSSO‑24
M0‑3
5.5
36
41
15
45
•
VN920SP-E
PowerSO‑10
M0‑3
5.5
36
41
15
45
•
VN610SP-E
PowerSO‑10
M0‑3
5.5
36
41
10
75
•
(*) In development. Available in Q1/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com