Electronic Components Datasheet Search
  English  ▼

X  

L4995K Datasheet(PDF) 18 Page - STMicroelectronics

Part # L4995K
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995K Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L4995K Datasheet HTML 14Page - STMicroelectronics L4995K Datasheet HTML 15Page - STMicroelectronics L4995K Datasheet HTML 16Page - STMicroelectronics L4995K Datasheet HTML 17Page - STMicroelectronics L4995K Datasheet HTML 18Page - STMicroelectronics L4995K Datasheet HTML 19Page - STMicroelectronics L4995K Datasheet HTML 20Page - STMicroelectronics L4995K Datasheet HTML 21Page - STMicroelectronics L4995K Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
17
Part number
Package
Technology
Output mode
Max on-state
resistance
R
DS(on) max (mΩ)
Current
limitation
(I
lim) typ (A)
Supply voltage (V
CC)
Absolute
max supply
voltage (V)
Highlights
min (V)
max (V)
VN771KP-E
SO‑28
M0‑3
2 HSD and 2 LSD
95
9
5.5
36
41
• Short‑circuit and over‑temperature protected
VN772KP-E
SO‑28
M0‑3
2 HSD and 2 LSD
125
9
5.5
36
41
• Short‑circuit and over‑temperature protected
VNH2SP30-E
MultiPowerSO‑30
M0‑4
Full bridge
19
50
5.5
16
41
• Cross‑conduction protection
• PWM operations up to 20 kHz
• Current sense
VNH3ASP30-E
MultiPowerSO‑30
M0‑4
Full bridge
42
50
5.5
16
41
• Cross‑conduction protection
• PWM operations up to 20 kHz
• Current sense
VNH3SP30-E
MultiPowerSO‑30
M0‑3
Full bridge
45
50
5.5
36
40
• Cross‑conduction protection
• PWM operations up to 10 kHz
• Current sense
VNH5019A-E
MultiPowerSO‑30
M0‑5
Full bridge
18
50
5.5
24
41
• Cross‑conduction protection
• PWM operations up to 20 kHz
• Current sense
• Charge pump output for reverse‑polarity protection
VNH5050A-E
PowerSSO‑36
M0‑5
Full bridge
50
42
5.5
18
41
• Cross‑conduction protection
• PWM operations up to 20 kHz
• Current sense
• Output protected against short‑to‑ground and short‑to‑V
CC
VNH5180A-E
PowerSSO‑36
M0‑5
Full bridge
180
12
5.5
18
41
• Cross‑conduction protection
• PWM operations up to 20 kHz
• Current sense
• Output protected against short‑to‑ground and short‑to‑V
CC
VNH5200AS-E (*)
SO‑16
M0‑5
Full bridge
200
12
5.5
18
41
• Cross‑conduction protection
• Current sense
• Output protected against short‑to‑ground and short‑to‑V
CC
(*) In development. Available in Q1/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com