Electronic Components Datasheet Search
  English  ▼

X  

AD841 Datasheet(PDF) 5 Page - Analog Devices

Part # AD841
Description  Wideband, Unity-Gain Stable, Fast Settling Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD841 Datasheet(HTML) 5 Page - Analog Devices

  AD841_15 Datasheet HTML 1Page - Analog Devices AD841_15 Datasheet HTML 2Page - Analog Devices AD841_15 Datasheet HTML 3Page - Analog Devices AD841_15 Datasheet HTML 4Page - Analog Devices AD841_15 Datasheet HTML 5Page - Analog Devices AD841_15 Datasheet HTML 6Page - Analog Devices AD841_15 Datasheet HTML 7Page - Analog Devices AD841_15 Datasheet HTML 8Page - Analog Devices AD841_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD841
Rev. C | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (VS)
±18 V
Internal Power Dissipation1
PDIP (N-14)
1.5 W
CERDIP (Q-14)
1.3 W
Input Voltage
±VS
Differential Input Voltage
±6 V
Storage Temperature Range
Q-14
−65°C to +150°C
N-14
−65°C to +125°C
Operating Temperature Range
AD841J/AD841K
0°C to 70°C
AD841S
−55°C to +125°C
Junction Temperature
+175°C
Lead Temperature Range (Soldering 60 sec)
+300°C
1 Maximum internal power dissipation is specified so that TJ does not exceed
175°C at an ambient temperature of 25°C.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Table 3.
Package Type
θJC
θJA
θSA
Unit
14-Lead CERDIP
35
110
38
°C/W
14-Lead PDIP
30
100
°C/W
20-Lead LCC
35
150
°C/W
ESD CAUTION
Figure 3. Metalization Photograph
Contact factory for latest dimensions
Dimensions shown in inches and (millimeters)
BALANCE
OUTPUT
+VS
–VS
–VIN
+VIN
BALANCE
0.067
(1.7)
0.099
(2.5)
SUBSTRATE CONNECTED TO +VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com