Electronic Components Datasheet Search
  English  ▼

X  

AD841 Datasheet(PDF) 1 Page - Analog Devices

Part # AD841
Description  Wideband, Unity-Gain Stable, Fast Settling Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD841 Datasheet(HTML) 1 Page - Analog Devices

  AD841_15 Datasheet HTML 1Page - Analog Devices AD841_15 Datasheet HTML 2Page - Analog Devices AD841_15 Datasheet HTML 3Page - Analog Devices AD841_15 Datasheet HTML 4Page - Analog Devices AD841_15 Datasheet HTML 5Page - Analog Devices AD841_15 Datasheet HTML 6Page - Analog Devices AD841_15 Datasheet HTML 7Page - Analog Devices AD841_15 Datasheet HTML 8Page - Analog Devices AD841_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Wideband, Unity-Gain Stable,
Fast Settling Op Amp
Data Sheet
AD841
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
AC performance
Unity-gain bandwidth: 40 MHz
Fast settling time: 110 ns to 0.01%
Slew rate: 300 V/µs
Full power bandwidth: 4.7 MHz for 20 V p-p into a 500 Ω load
DC performance
Input offset voltage: 1 mV maximum
Input voltage noise: 15 nV/√Hz typical
Open-loop gain: 45 V/mV into a 1 kΩ load
Output current: 50 mA minimum
Supply current: 12 mA maximum
APPLICATIONS
High speed signal conditioning
Video and pulse amplifiers
Data acquisition systems
Line drivers
Active filters
Available in 14-pin plastic PDIP, 14-pin hermetic CERDIP, and
20-pin LCC packages
Chips and MIL-STD-883B parts available
CONNECTION DIAGRAMS
Figure 1. PDIP (N-14) Package and CERDIP (Q-14) Package
Figure 2. LCC (E-20-1) Package
GENERAL DESCRIPTION
The AD841 is a member of the Analog Devices, Inc., family of
wide bandwidth operational amplifiers. This high speed/high
precision family includes the AD842, which is stable at a gain of
two or greater and has 100 mA minimum output current drive.
These devices are fabricated using Analog Devices’ junction
isolated complementary bipolar (CB) process. This process
permits a combination of dc precision and wideband ac perfor-
mance previously unobtainable in a monolithic op amp. In
addition to its 40 MHz unity-gain bandwidth product, the
AD841 offers extremely fast settling characteristics, typically
settling to within 0.01% of final value in 110 ns for a 10 V step.
Unlike many high frequency amplifiers, the AD841 requires no
external compensation. It remains stable over its full operating
temperature range. It also offers a low quiescent current of
12 mA maximum, a minimum output current drive capability
of 50 mA, a low input voltage noise of 15 nV/√Hz, and low
input offset voltage of 1 mV maximum.
The 300 V/µs slew rate of the AD841, along with its 40 MHz
gain bandwidth, ensures excellent performance in video and
pulse amplifier applications. This amplifier is well suited for
use in high frequency signal conditioning circuits and wide
bandwidth active filters. The extremely rapid settling time of
the AD841 makes it the preferred choice for data acquisition
applications that require 12-bit accuracy. The AD841 is also
appropriate for other applications such as high speed DAC and
ADC buffer amplifiers and other wide bandwidth circuitry.
PRODUCT HIGHLIGHTS
1. The high slew rate and fast settling time of the AD841
make it ideal for DAC and ADC buffers, and all types of
video instrumentation circuitry.
2. The AD841 is a precision amplifier. It offers accuracy to
0.01% or better and wide bandwidth performance
previously available only in hybrids.
3. The AD841’s thermally balanced layout and the speed of
the CB process allow the AD841 to settle to 0.01% in 110 ns
without the long tails that occur with other fast op amps.
4. Laser wafer trimming reduces the input offset voltage to
1 mV maximum on the K grade, thus eliminating the need
for external offset nulling in many applications. Offset null
pins are provided for additional versatility.
NOTES
1. NC = NO CONNECT.
NC
1
NC
2
BALANCE
3
–INPUT
4
NC
14
NC
13
BALANCE
12
+VS
11
+INPUT
5
OUTPUT
10
–VS 6
NC
9
NC
7
NC
8
AD841
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT.
AD841
4
NC
5
–INPUT
6
NC
7
+INPUT
8
NC
18
NC
17
+VS
16
NC
15
OUTPUT
14
NC
19
20
1
2
3
13
12
11
10
9


Similar Part No. - AD841_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD841 AD-AD841_17 Datasheet
377Kb / 17P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
2/13-Rev. B to Rev. C
More results

Similar Description - AD841_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC400 NSC-CLC400 Datasheet
392Kb / 6P
Fast Settling, Wideband Low-Gain Monolithic Op Amp
CLC401 NSC-CLC401 Datasheet
388Kb / 6P
Fast Settling, Wideband High-Gain Monolithic Op Amp
logo
Analog Devices
AD841 AD-AD841 Datasheet
354Kb / 8P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
REV.B
logo
Intersil Corporation
HA-2841 INTERSIL-HA-2841 Datasheet
272Kb / 13P
Wideband, Fast Settling, Unity Gain Stable, Video Operational Amplifier
July 1994
HA-2541883 INTERSIL-HA-2541883 Datasheet
40Kb / 5P
Wideband, Fast Settling, Unity Gain Stable, Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
logo
Texas Instruments
CLC400 TI1-CLC400 Datasheet
507Kb / 11P
Fast Settling, Wideband Low Gain Monolithic Op Amp
CLC401 TI1-CLC401 Datasheet
448Kb / 12P
Fast Settling, Wideband High Gain Monolithic Op Amp
logo
Analog Devices
AD841 AD-AD841_17 Datasheet
377Kb / 17P
Wideband, Unity-Gain Stable, Fast Settling Op Amp
2/13-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com