Electronic Components Datasheet Search
  English  ▼

X  

AD841 Datasheet(PDF) 3 Page - Analog Devices

Part # AD841
Description  Wideband, Unity-Gain Stable, Fast Settling Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD841 Datasheet(HTML) 3 Page - Analog Devices

  AD841_15 Datasheet HTML 1Page - Analog Devices AD841_15 Datasheet HTML 2Page - Analog Devices AD841_15 Datasheet HTML 3Page - Analog Devices AD841_15 Datasheet HTML 4Page - Analog Devices AD841_15 Datasheet HTML 5Page - Analog Devices AD841_15 Datasheet HTML 6Page - Analog Devices AD841_15 Datasheet HTML 7Page - Analog Devices AD841_15 Datasheet HTML 8Page - Analog Devices AD841_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD841
Rev. C | Page 3 of 16
SPECIFICATIONS
TA = 25°C and ±15 V dc, unless otherwise noted. All minimum and maximum specifications are guaranteed.
Table 1.
Parameter
Test Conditions/
Comments
AD841J
AD841K
AD841S1
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
INPUT OFFSET VOLTAGE2
0.8
2.0
0.5
1.0
0.5
2.0
mV
TMIN − TMAX
5.0
3.3
5.5
mV
Offset Drift
35
35
35
µV/°C
INPUT BIAS CURRENT
3.5
8
3.5
5
3.5
8
µA
TMIN – TMAX
10
6
12
µA
Input Offset Current
0.1
0.4
0.1
0.2
0.1
0.4
µA
TMIN − TMAX
0.5
0.3
0.6
µA
INPUT CHARACTERISTICS
Differential mode
Input Resistance
200
200
200
kΩ
Input Capacitance
2
2
2
pF
INPUT VOLTAGE RANGE
Common Mode
±10
12
±10
12
±10
12
V
Common-Mode Rejection
VCM = ±10 V
86
100
103
109
86
110
dB
TMIN – TMAX
80
100
80
dB
INPUT VOLTAGE NOISE
f = 1 kHz
15
15
15
nV/√Hz
Wideband Noise
10 Hz to 10 MHz
47
47
47
µV rms
OPEN-LOOP GAIN
VOUT = ±10 V
RLOAD ≥ 500 Ω
25
45
25
45
25
45
V/mV
TMIN − TMAX
12
20
12
V/mV
OUTPUT CHARACTERISTICS
Voltage
RLOAD ≥ 500 Ω
TMIN − TMAX
±10
±10
±10
V
Current
VOUT = ±10 V
50
50
50
mA
OUTPUT RESISTANCE
Open loop
5
5
5
Ω
FREQUENCY RESPONSE
Unity Gain Bandwidth
VOUT = 90 mV p-p
40
40
40
MHz
Full Power Bandwidth3
VOUT = 20 V p-p
RLOAD ≥ 500 Ω
3.1
4.7
3.1
4.7
3.1
4.7
MHz
Rise Time4
AV = −1
10
10
10
ns
Overshoot4
AV = −1
10
10
10
%
Slew Rate4
AV = −1
200
300
200
300
200
300
V/µs
Settling Time 10 V Step
AV = −1
to 0.1%
90
00
90
ns
to 0.01%
110
110
110
ns
OVERDRIVE RECOVERY
−Overdrive
200
200
200
ns
+Overdrive
700
700
700
ns
DIFFERENTIAL GAIN
f = 4.4 MHz
0.03
0.03
0.03
%
Differential Phase
f = 4.4 MHz
0.022
0.022
0.022
Degree
POWER SUPPLY
Rated Performance
±15
±15
±15
V
Operating Range
±5
±18
±5
±18
±5
±18
V
Quiescent Current
11
12
11
12
11
12
mA
TMIN − TMAX
14
14
16
mA
Power Supply Rejection Ratio
VS = ±5 V to ±18 V
86
100
90
100
86
100
dB
TMIN − TMAX
80
86
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com