Electronic Components Datasheet Search
  English  ▼

X  

ILC7080 Datasheet(PDF) 10 Page - Impala Linear Corporation

Part # ILC7080
Description  50/100M SOT-23 CMOS RF LDO REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7080 Datasheet(HTML) 10 Page - Impala Linear Corporation

Back Button ILC7080 Datasheet HTML 6Page - Impala Linear Corporation ILC7080 Datasheet HTML 7Page - Impala Linear Corporation ILC7080 Datasheet HTML 8Page - Impala Linear Corporation ILC7080 Datasheet HTML 9Page - Impala Linear Corporation ILC7080 Datasheet HTML 10Page - Impala Linear Corporation ILC7080 Datasheet HTML 11Page - Impala Linear Corporation ILC7080 Datasheet HTML 12Page - Impala Linear Corporation ILC7080 Datasheet HTML 13Page - Impala Linear Corporation ILC7080 Datasheet HTML 14Page - Impala Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
50/100mA SOT-23 CMOS RF LDO™ Regulators
Impala Linear Corporation
10
(408) 574-3939
www.impalalinear.com
Sept. 1998
ILC7080/81 1.1
Recommended Ceramic Output Capacitors
COUT
Capacitor Size
IOUT
Dielectric
Part Number
Capacitor Vendor
1µF
0805
0 to 100mA
X5R
C2012X5R1A105KT
TDK
1µF
0805
0 to 100mA
X7R
GRM40X7R105K010
muRata
1µF
0805
0 to 100mA
X7R
LMK212BJ105KG
Talyo-Yuden
1µF
1206
0 to 100mA
X7R
GRM42-6X7R105K016
muRata
1µF
1206
0 to 100mA
X7R
EMK316BJ105KL
Talyo-Yuden
1µF
1206
0 to 100mA
X5R
TMK316BJ105KL
Talyo-Yuden
2.2µF
0805
0 to 150mA
X5R
GRM40X5R225K 6.3
muRata
2.2µF
0805
0 to 150mA
X5R
C2012X5R0J225KT
TDK
2.2µF
1206
0 to 150mA
X5R
EMK316BJ225ML
Talyo-Yuden
4.7µF
1206
0 to 150mA
X5R
GRM42-6X5R475K010
muRata
4.7µF
1206
0 to 150mA
X7R
LMK316BJ475ML
Talyo-Yuden



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com