Electronic Components Datasheet Search
  English  ▼

X  

ILC7080 Datasheet(PDF) 16 Page - Impala Linear Corporation

Part # ILC7080
Description  50/100M SOT-23 CMOS RF LDO REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7080 Datasheet(HTML) 16 Page - Impala Linear Corporation

Back Button ILC7080 Datasheet HTML 8Page - Impala Linear Corporation ILC7080 Datasheet HTML 9Page - Impala Linear Corporation ILC7080 Datasheet HTML 10Page - Impala Linear Corporation ILC7080 Datasheet HTML 11Page - Impala Linear Corporation ILC7080 Datasheet HTML 12Page - Impala Linear Corporation ILC7080 Datasheet HTML 13Page - Impala Linear Corporation ILC7080 Datasheet HTML 14Page - Impala Linear Corporation ILC7080 Datasheet HTML 15Page - Impala Linear Corporation ILC7080 Datasheet HTML 16Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
50/100mA SOT-23 CMOS RF LDO™ Regulators
Impala Linear Corporation
16
(408) 574-3939
www.impalalinear.com
Sept. 1998
ILC7080/81 1.1
Devices sold by Impala Linear Corporation are covered by the warranty and patent indemnification provisions appearing
in its Terms of Sale only. Impala Linear Corporation makes no warranty, express, statutory, implied, or by description
regarding the information set forth herein or regarding the freedom of the described devices from patent infringement.
Impala Linear Corporation makes no warranty of merchantability or fitness for any purpose. Impala Linear Corporation
reserves the right to discontinue production and change specifications and prices at any time and without notice.
This product is intended for use in normal commercial applications. Applications requiring an extended temperature
range, unusual environmental requirements, or high reliability applications, such as military and aerospace, are specif-
ically not recommended without additional processing by Impala Linear Corporation.
Impala Linear Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in an
Impala Linear Corporation product. No other circuits, patents, licenses are implied.
Life Support Policy
Impala Linear Corporation’s products are not authorized for use as critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or
(b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use pro-
vided in the labeling, can be reasonably expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reason-
ably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Package Outline Dimensions
Dimensions shown in inches and (mm).
5-Lead plastic surface mount (SOT-23-5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com