Electronic Components Datasheet Search
  English  ▼

X  

ILC7080 Datasheet(PDF) 11 Page - Impala Linear Corporation

Part # ILC7080
Description  50/100M SOT-23 CMOS RF LDO REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7080 Datasheet(HTML) 11 Page - Impala Linear Corporation

Back Button ILC7080 Datasheet HTML 7Page - Impala Linear Corporation ILC7080 Datasheet HTML 8Page - Impala Linear Corporation ILC7080 Datasheet HTML 9Page - Impala Linear Corporation ILC7080 Datasheet HTML 10Page - Impala Linear Corporation ILC7080 Datasheet HTML 11Page - Impala Linear Corporation ILC7080 Datasheet HTML 12Page - Impala Linear Corporation ILC7080 Datasheet HTML 13Page - Impala Linear Corporation ILC7080 Datasheet HTML 14Page - Impala Linear Corporation ILC7080 Datasheet HTML 15Page - Impala Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
50/100mA SOT-23 CMOS RF LDO™ Regulators
Impala Linear Corporation
11
(408) 574-3939
www.impalalinear.com
Sept. 1998
ILC7080/81 1.1
Output Voltage vs Temperature
3.015
3.01
3.005
3
2.995
2.99
COUT = 1µF (Ceramic)
VOUT = 3.0V
2.985
Temperature (°C)
0
50
100
150
-50
Dropout Characteristics
V
IN (V)
3.4
3.3
3.2
3.1
3
C
OUT = 1µF (Ceramic)
V
OUT = 3.3V
3
3.2
3.4
3.6
IOUT = 0mA
IOUT = 10mA
I
OUT = 50m A
I
OUT = 100m A
I
OUT = 150m A
Unless otherwise specified TA T=25°C, VIN =VOUT(NOM), + 1V, ON/OFF pin tied to VIN
Characterization at output currents above 50mA applies to ILC7081
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage vs Temperature
Temperature (°C)
250
200
150
100
50
0
–40
85
25
V
OU T = 3.0V
I
OUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 0mA
150
125
100
75
50
2
4
6
8
10
12
14
Ground Current vs Input Voltage
VOUT = 3.0 V
COUT = 1µF (Ceramic)
I
OU T = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 10mA
I
OUT = 0mA
V
IN (V)
250
200
150
100
50
0
0
50
100
150
Dropout Voltage vs IOUT
Output Current (mA)
TA = –40°C
TA = 85°C
TA = 25°C
VOUT = 3.0V
Line Transient Response
5µs/div
6
5
4
3.01
3.00
2.99
2.98
VIN: tr/tf < 1 µs
VOUT = 3.0V
COUT = 2.2 µF (Ceramic)
IOUT = 100 mA
0.47µF (Ceramic)
7081 only
0.47µF (Ceramic)
0.47µF (Ceramic)
Dropout Characteristics
Line Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com