Electronic Components Datasheet Search
  English  ▼

X  

28F016SA Datasheet(PDF) 20 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 20 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 16Page - Intel Corporation 28F016SA Datasheet HTML 17Page - Intel Corporation 28F016SA Datasheet HTML 18Page - Intel Corporation 28F016SA Datasheet HTML 19Page - Intel Corporation 28F016SA Datasheet HTML 20Page - Intel Corporation 28F016SA Datasheet HTML 21Page - Intel Corporation 28F016SA Datasheet HTML 22Page - Intel Corporation 28F016SA Datasheet HTML 23Page - Intel Corporation 28F016SA Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
28F016SA
E
20
4.7
Block Status Register
BS
BLS
BOS
BOAS
QS
VPPS
R
R
765
432
10
NOTES:
BSR.7 = BLOCK STATUS
1 = Ready
0 = Busy
[1] RY/BY# output or BS bit must be checked to
determine completion of an operation (block lock,
erase suspend, any RY/BY# reconfiguration, Upload
Status Bits, block erase or data program) before the
appropriate Status bits (BOS, BLS) is checked for
success.
BSR.6 = BLOCK-LOCK STATUS
1 = Block Unlocked for Program/Erase
0 = Block Locked for Program/Erase
BSR.5 = BLOCK OPERATION STATUS
1 = Operation Unsuccessful
0 = Operation Successful or Currently
Running
The BOAS bit will not be set until BSR.7 = 1.
BSR.4 = BLOCK OPERATION ABORT STATUS
1 = Operation Aborted
0 = Operation Not Aborted
MATRIX
5/4
0 0 = Operation Successful or
Currently Running
0 1 = Not a Valid Combination
1 0 = Operation Unsuccessful
1 1 = Operation Aborted
Operation halted via Abort command.
BSR.3 = QUEUE STATUS
1 = Queue Full
0 = Queue Available
BSR.2 = VPP STATUS
1 = VPP Low Detect, Operation Abort
0 = VPP OK
BSR.1–0 = RESERVED FOR FUTURE ENHANCEMENTS
These bits are reserved for future use; mask them out when polling the BSRs.
NOTE:
1.
When multiple operations are queued, checking BSR.7 only provides indication of completion for that particular block.
GSR.7 provides indication when all queued operations are completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com