Electronic Components Datasheet Search
  English  ▼

X  

28F016SA Datasheet(PDF) 54 Page - Intel Corporation

Part # 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Datasheet(HTML) 54 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 47Page - Intel Corporation 28F016SA Datasheet HTML 48Page - Intel Corporation 28F016SA Datasheet HTML 49Page - Intel Corporation 28F016SA Datasheet HTML 50Page - Intel Corporation 28F016SA Datasheet HTML 51Page - Intel Corporation 28F016SA Datasheet HTML 52Page - Intel Corporation 28F016SA Datasheet HTML 53Page - Intel Corporation 28F016SA Datasheet HTML 54Page - Intel Corporation 28F016SA Datasheet HTML 55Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
28F016SA
E
54
APPENDIX A
DEVICE NOMENCLATURE AND ORDERING
INFORMATION
DA = Commercial Temperature
56-Lead SSOP
E = Commercial Temperature
56-Lead TSOP
T = Extended Temperature
56-Lead SSOP
ACCESS SPEED
A2
6
8 F 00
0
1S A -
7
70 ns
100 ns
100 ns
D
0489_18
Valid Combinations
Option
Order Code
VCC = 3.3V ± 10%,
50 pF Load
VCC = 5.0V ± 10%,
100 pF Load
VCC = 5.0V ± 5%,
30 pF Load
1
E28F016SA-070
E28F016SA-120
E28F016SA-080
E28F016SA-070
2
E28F016SA-100
E28F016SA-150
E28F016SA-100
3
DA28F016SA-070
DA28F016SA-120
DA28F016SA-080
DA28F016SA-070
4
DA28F016SA-100
DA28F016SA-150
DA28F016SA-100
5
DT28F016SA-100
DT28F016SA-150
DT28F016SA-150
DT28F016SA-150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com