Electronic Components Datasheet Search
  English  ▼

X  

450NX Datasheet(PDF) 13 Page - Intel Corporation

Part # 450NX
Description  Intel 450NX PCIset
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

450NX Datasheet(HTML) 13 Page - Intel Corporation

Back Button 450NX Datasheet HTML 9Page - Intel Corporation 450NX Datasheet HTML 10Page - Intel Corporation 450NX Datasheet HTML 11Page - Intel Corporation 450NX Datasheet HTML 12Page - Intel Corporation 450NX Datasheet HTML 13Page - Intel Corporation 450NX Datasheet HTML 14Page - Intel Corporation 450NX Datasheet HTML 15Page - Intel Corporation 450NX Datasheet HTML 16Page - Intel Corporation 450NX Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 248 page
background image
Intel
® 450NX PCIset
2-1
2
Signal Descriptions
This chapter provides a detailed description of all signals used in any component in the Intel®
450NX PCIset.
2.1
Conventions
The terms assertion and deassertion are used extensively when describing signals, to avoid
confusion when working with a mix of active-high and active-low signals. The term assert, or
assertion, indicates that the signal is active, independent of whether the active level is
represented by a high or low voltage. The term deassert, or deassertion, indicates that the signal
is inactive.
The “#” symbol at the end of a signal name indicates that the active, or asserted state occurs
when the signal is at a low voltage level. When “#” is not present after the signal name the
signal is asserted when at the high voltage level.
When discussing data values used inside the chip set, the logical value is used; i.e., a data
value described as "1101b" would appear as "1101b" on an active-high bus, and as "0010b" on
an active-low bus. When discussing the assertion of a value on the actual pin, the physical
value is used; i.e., asserting an active-low signal produces a "0" value on the pin.
The following notations are used to describe the signal type:
The signal description also includes the type of buffer used for the particular signal:
I
Input pin
O
Output pin
I/O
Bidirectional (input/output) pin
OD
Open drain output pin (other than AGTL+ signals)
AGTL+
Open drain AGTL+ interface.
PCI
PCI-compliant 3.3 V/5 V-tolerant interface
LVTTL
Low-voltage (3.3 V) TTL-compatible signals.
2.5V
2.5 V CMOS signals.
Analog
Typically a voltage reference or specialty power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com