Electronic Components Datasheet Search
  English  ▼

X  

450NX Datasheet(PDF) 20 Page - Intel Corporation

Part # 450NX
Description  Intel 450NX PCIset
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

450NX Datasheet(HTML) 20 Page - Intel Corporation

Back Button 450NX Datasheet HTML 16Page - Intel Corporation 450NX Datasheet HTML 17Page - Intel Corporation 450NX Datasheet HTML 18Page - Intel Corporation 450NX Datasheet HTML 19Page - Intel Corporation 450NX Datasheet HTML 20Page - Intel Corporation 450NX Datasheet HTML 21Page - Intel Corporation 450NX Datasheet HTML 22Page - Intel Corporation 450NX Datasheet HTML 23Page - Intel Corporation 450NX Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 248 page
background image
2-8
Intel
® 450NX PCIset
2. Signal Descriptions
RSP#
Response Parity Signal
AGTL+ I/O
Parity protection on RS[2:0]#.
TRDY#
Target Ready
AGTL+ I/O
Indicates that the target of the system transaction is able to enter the data
transfer phase.
2.3.2
Third-Party Agent / MIOC Interface
The following signals provide support for an additional non-processor, third-party agent
(TPA) on the system bus. Such agents may need priority access to the system bus itself, or may
need to intervene in transactions between the processors and the Intel® 450NX PCIset.
IOGNT#
I/O Grant
LVTTL I
The IOGNT# signal has two modes: Internal Arbitration Mode and External
Arbitration Mode, selected by a bit in the MIOC’s CONFIG register. In
Internal Arbitration Mode IOGNT# is an input from another bridge device
which is requesting ownership of the BPRI# signal. In external arbitration
mode, this bridge requests BPRI# ownership from an external bridge arbiter.
IOGNT#
should be asserted by the external arbiter when this MIOC has been
granted ownership of the BPRI# signal.
IOREQ#
I/O Request
LVTTL O
The IOREQ# signal has two modes: Internal Arbitration Mode and External
Arbitration Mode, selected by a bit in the MIOC’s CONFIG register.
In
Internal Arbitration Mode IOREQ# is the grant to another bridge device that
is making a request for ownership of the BPRI# signal. In external arbitration
mode this signal is asserted to request ownership of the BPRI# signal.
TPCTL[1:0]
Third Party Control
LVTTL I
These signals allow an agent participating in transactions between the Intel®
450NX PCIset and another bus agent as a “third-party” to control the
responses generated by the Intel 450NX PCIset.
2.4
PCI Interface
2.4.1
Primary Bus
There are two primary PCI buses per PXB, identified as the “a” bus and the “b” bus groups.
Each signal name includes a “p”, indicating the PCI bus port; p = A or B.
00
Accept
The MIOC will accept the request and provide the
normal response.
01
reserved
–
10
Retry
The MIOC will generate a RETRY response.
11
Defer
The MIOC will generate a DEFERRED response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com