Electronic Components Datasheet Search
  English  ▼

X  

450NX Datasheet(PDF) 21 Page - Intel Corporation

Part # 450NX
Description  Intel 450NX PCIset
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

450NX Datasheet(HTML) 21 Page - Intel Corporation

Back Button 450NX Datasheet HTML 17Page - Intel Corporation 450NX Datasheet HTML 18Page - Intel Corporation 450NX Datasheet HTML 19Page - Intel Corporation 450NX Datasheet HTML 20Page - Intel Corporation 450NX Datasheet HTML 21Page - Intel Corporation 450NX Datasheet HTML 22Page - Intel Corporation 450NX Datasheet HTML 23Page - Intel Corporation 450NX Datasheet HTML 24Page - Intel Corporation 450NX Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 248 page
background image
Intel
® 450NX PCIset
2-9
2.4 PCI Interface
PpAD[31:0]
PCI Address/Data
PCI I/O
PCI Address and Data signals are multiplexed on this bus. The physical byte
address is output during the address phase and the data follows in the
subsequent data phase(s).
PpC/BE[3:0]#
C
ommand/Byte Enable
PCI I/O
PCI Bus Command and Byte Enable signals are multiplexed on the same pins.
During the address phase of a transaction, C/BE[3:0]# define the bus
command. During the data phase C/BE[3:0]# are used as byte enables.
PpCLK
PCI Clock
LVTTL O
This signal is an output with a derived frequency equal to 1/3 of the system
bus frequency.
PpCLKFB
PCI Clock Feedback
LVTTL I
This signal is connected to the output of a low skew PCI clock buffer tree. It is
used to synchronize the PCI clock driven from PpCLK to the clock used for
the internal PCI logic.
PpDEVSEL#
Device Select
PCI I/ O
DEVSEL# is driven by the device that has decoded its address as the target of
the current access.
PpFRAME#
Frame
PCI I/O
The PXB asserts FRAME# to indicate the start of a bus transaction. While
FRAME#
is asserted, data transfers continue. When FRAME# is negated, the
transaction is in the final data phase. FRAME# is an input when the PXB acts
as a PCI target.
PpIRDY#
Initiator Ready
PCI I/O
This signal is asserted by a master to indicate its ability to complete the
current data transfer. IRDY# is an output when the PXB acts as a PCI initiator
and an input when the PXB acts as a PCI target.
PpPAR
Parity
PCI I/O
PAR
is driven by the PXB when it acts as a PCI initiator during address and
data phases for a write cycle, and during the address phase for a read cycle.
PAR
is driven by the PXB when it acts as a PCI target during each data phase
of a PCI memory read cycle. Even parity is generated across AD[31:0] and
C/BE[3:0]#
.
PpRST#
PCI Reset
PCI O
PCI Bus Reset forces the PCI interfaces of each device to a known state. The
PXB generates a minimum 1 ms pulse on RST#.
PpPERR#
PCI Parity Error
PCI I/O
Pulsed by an agent receiving data with bad parity one clock after PAR is
asserted. The PXB will generate PERR# active if it detects a parity error on
the PCI bus and the PERR# Enable bit in the PCICMD register is set.
PpLOCK#
Lock
PCI I/O
LOCK#
indicates an exclusive bus operation and may require multiple
transactions to complete. It is possible for different agents to use the PCI Bus
while a single initiator retains ownership of the LOCK# signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com