Electronic Components Datasheet Search
  English  ▼

X  

AD5206 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5206
Description  4-/6-Channel Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5206 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5206 Datasheet HTML 5Page - Analog Devices AD5206 Datasheet HTML 6Page - Analog Devices AD5206 Datasheet HTML 7Page - Analog Devices AD5206 Datasheet HTML 8Page - Analog Devices AD5206 Datasheet HTML 9Page - Analog Devices AD5206 Datasheet HTML 10Page - Analog Devices AD5206 Datasheet HTML 11Page - Analog Devices AD5206 Datasheet HTML 12Page - Analog Devices AD5206 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD5204/AD5206
Rev. C | Page 9 of 20
A6
1
W6
2
B6
3
GND
4
B4
24
W4
23
A4
22
B2
21
CS
5
VDD 6
SDI
7
W2
20
A2
19
A1
18
CLK
8
W1
17
VSS 9
B1
16
B5 10
A3
15
W5 11
W3
14
A5 12
B3
13
AD5206
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 8. AD5206 SOIC/TSSOP/PDIP Pin Configuration
Table 5. AD5206 Pin Function Descriptions
Pin No.
Name
Description
1
A6
Terminal A RDAC 6.
2
W6
Wiper RDAC 6. Address = 1012.
3
B6
Terminal B RDAC 6.
4
GND
Ground.
5
CS
Chip Select Input (Active Low). When CS returns high, data in the serial input register is decoded based on the
address bits, and then it is loaded into the target RDAC latch.
6
VDD
Positive Power Supply. This pin is specified for operation at both 3 V and 5 V. It is the sum of |VDD| + |VSS| < 5.5 V.
7
SDI
Serial Data Input. Data is input MSB first.
8
CLK
Serial Clock Input. This pin is positive edge triggered.
9
VSS
Negative Power Supply. This pin is specified for operation at both 0 V and −2.7 V. It is the sum of |VDD| + |VSS| < 5.5 V.
10
B5
Terminal B RDAC 5.
11
W5
Wiper RDAC 5. Address = 1002.
12
A5
Terminal A RDAC 5.
13
B3
Terminal B RDAC 3.
14
W3
Wiper RDAC 3. Address = 0102.
15
A3
Terminal A RDAC 3.
16
B1
Terminal B RDAC 1.
17
W1
Wiper RDAC 1. Address = 0002.
18
A1
Terminal A RDAC 1.
19
A2
Terminal A RDAC 2.
20
W2
Wiper RDAC 2. Address = 0012.
21
B2
Terminal B RDAC 2.
22
A4
Terminal A RDAC 4.
23
W4
Wiper RDAC 4. Address = 0112.
24
B4
Terminal B RDAC 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com