Electronic Components Datasheet Search
  English  ▼

X  

AD5206 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5206
Description  4-/6-Channel Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5206 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5206 Datasheet HTML 12Page - Analog Devices AD5206 Datasheet HTML 13Page - Analog Devices AD5206 Datasheet HTML 14Page - Analog Devices AD5206 Datasheet HTML 15Page - Analog Devices AD5206 Datasheet HTML 16Page - Analog Devices AD5206 Datasheet HTML 17Page - Analog Devices AD5206 Datasheet HTML 18Page - Analog Devices AD5206 Datasheet HTML 19Page - Analog Devices AD5206 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD5204/AD5206
Rev. C | Page 19 of 20
Model1, 2
kΩ
Temperature Range
Package Description
Package Option
AD5204BRZ50-REEL
50
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5204BRU50
50
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5204BRU50-REEL
50
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5204BRU50-REEL7
50
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5204BRUZ50
50
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5204BRUZ50-REEL7
50
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5204BN100
100
−40°C to +85°C
24-Lead Plastic Dual In-Line Package [PDIP]
N-24-1
AD5204BR100
100
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5204BR100-REEL
100
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5204BRZ100
100
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5204BRZ100-REEL
100
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5204BRU100
100
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5204BRU100-REEL7
100
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5204BRUZ100
100
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5204BRUZ100-R7
100
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5206BN10
10
−40°C to +85°C
24-Lead Plastic Dual In-Line Package [PDIP]
N-24-1
AD5206BR10
10
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BR10-REEL
10
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BRZ10
10
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BRZ10-REEL
10
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BRU10
10
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5206BRU10-REEL7
10
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5206BRUZ10
10
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5206BRUZ10-RL7
10
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5206BN50
50
−40°C to +85°C
24-Lead Plastic Dual In-Line Package [PDIP]
N-24-1
AD5206BR50
50
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BR50-REEL
50
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BRZ50
50
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BRU50
50
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BRU50-REEL
50
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BRU50-REEL7
50
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BRUZ50
50
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BRUZ50-REEL7
50
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BN100
100
−40°C to +85°C
24-Lead Plastic Dual In-Line Package [PDIP]
N-24-1
AD5206BR100
100
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BR100-REEL
100
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BRZ100
100
−40°C to +85°C
24-Lead Standard Small Outline Package [SOIC_W]
RW-24
AD5206BRU100
100
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5206BRU100-REEL7
100
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5206BRUZ100
100
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
AD5206BRUZ100-RL7
100
−40°C to +85°C
24-Lead Thin Shrink Small Outline Package [TSSOP]
RU-24
1 The AD5204/AD5206 each contains 5,925 transistors. Die size is 92 mil × 114 mil, or 10,488 sq. mil.
2 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com