Electronic Components Datasheet Search
  English  ▼

X  

AD5220 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5220
Description  Increment Decrement Digital Potentionmeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5220 Datasheet(HTML) 5 Page - Analog Devices

  AD5220 Datasheet HTML 1Page - Analog Devices AD5220 Datasheet HTML 2Page - Analog Devices AD5220 Datasheet HTML 3Page - Analog Devices AD5220 Datasheet HTML 4Page - Analog Devices AD5220 Datasheet HTML 5Page - Analog Devices AD5220 Datasheet HTML 6Page - Analog Devices AD5220 Datasheet HTML 7Page - Analog Devices AD5220 Datasheet HTML 8Page - Analog Devices AD5220 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AD5220
–5–
REV.
CODE – Decimal
60
–10
0
16
128
32
48
64
80
96
112
53
32
25
11
–3
46
39
18
4
–55 C < TA < +85 C
VDD = +5.5V
50k
AND 100k
VERSION
10k
VERSION
Figure 13.
∆V
WB/∆T Potentiometer
Mode Tempco (10 k
Ω and 50 kΩ)
FREQUENCY – Hz
6
1k
1M
10k
100k
0
–6
–12
–18
–24
–30
–36
–42
–48
–54
00H
+
–
2.5V
W
A
B
OP42
+
–
DATA = 40H
VDD = +5V
VIN = VA = 100mV rms
VB = +2.5V
40H
20H
10H
08H
04H
02H
01H
Figure 16. 50 k
Ω Gain vs. Frequency
vs. Code
VWB
VDD = +5.5V
VA = +5.5V
VB = 0V
f = 100kHz
DATA
40H v 3FH
150mV
100mV
50mV
0mV
5V
0V
CLK
TIME 500ns / DIV
Figure 19. Midscale Transition Glitch
CODE – Decimal
60
–10
0
16
128
32
48
64
80
96
112
53
32
25
11
–3
46
39
18
4
–55 C < TA < +85 C
VDD = +5.5V
RWB MEASURED
VA = NO CONNECT
50k
AND 100k
VERSION
10k
VERSION
Figure 14.
∆R
WB/∆T Rheostat
FREQUENCY – Hz
6
1k
1M
10k
100k
0
–6
–12
–18
–24
–30
–36
–42
–48
–54
+
–
2.5V
W
A
B
OP42
+
–
DATA = 40H
VDD = +5V
VIN = VA = 100mV rms
VB = +2.5V
00H
20H
10H
08H
04H
02H
01H
40H
Figure 17. 100 k
Ω Gain vs. Fre-
quency vs. Code
FREQUENCY – Hz
0.0001
10
TA = +25 C
VDD = +5.0V
OFFSET GND = +2.5V
RAB = 10k
NONINVERTING
TEST CKT 32
INVERTING
TEST CKT 31
0.001
0.01
0.10
1.00
100
1k
10k
100k
Figure 20. Total Harmonic Distortion
Plus Noise vs. Frequency
FREQUENCY – Hz
6
1k
1M
10k
100k
0
–6
–12
–18
–24
–30
–36
–42
–48
–54
DATA = 40H
VDD = +5V
VIN = VA = 100mV rms
VB = +2.5V
+
–
2.5V
W
A
B
OP42
+
–
40H
20H
10H
08H
04H
02H
01H
00H
Figure 15. 10 k
Ω Gain vs. Frequency
vs. Code
VWB
VDD = +5.5V
VA = VB = 0V
f = 100kHz
20mV/
DIV
TIME 2 s / DIV
Figure 18. Digital Feedthrough
FREQUENCY – Hz
–5.8
–6.8
10
100
1M
–6.3
1k
10k
100k
–5.9
–6.0
–6.1
–6.2
–6.4
–6.5
–6.6
–6.7
50k
10k
DATA = 40H
VDD = +5V
VIN = VA = 50mV rms
VB = +2.5V
100k
+
–
2.5V
W
A
B
OP42
+
–
Figure 21. Normalized Gain Flatness
vs. Frequency
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com