Electronic Components Datasheet Search
  English  ▼

X  

AD5220 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5220
Description  Increment Decrement Digital Potentionmeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5220 Datasheet(HTML) 3 Page - Analog Devices

  AD5220 Datasheet HTML 1Page - Analog Devices AD5220 Datasheet HTML 2Page - Analog Devices AD5220 Datasheet HTML 3Page - Analog Devices AD5220 Datasheet HTML 4Page - Analog Devices AD5220 Datasheet HTML 5Page - Analog Devices AD5220 Datasheet HTML 6Page - Analog Devices AD5220 Datasheet HTML 7Page - Analog Devices AD5220 Datasheet HTML 8Page - Analog Devices AD5220 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AD5220
–3–
REV.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C, unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +7 V
VA, VB, VW to GND . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V, VDD
AX–BX, AX–WX, BX–WX . . . . . . . . . . . . . . . . . . . . . . ± 20 mA
Digital Input Voltage to GND . . . . . . . . . . . 0 V, VDD + 0.3 V
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Maximum Junction Temperature (TJ MAX) . . . . . . . . +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
Package Power Dissipation . . . . . . . . . . . . . . (TJ max–TA)/θJA
Thermal Resistance
θ
JA
P-DIP (N-8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103
°C/W
SOIC (SO-8) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 158
°C/W
µSOIC (RM-8) . . . . . . . . . . . . . . . . . . . . . . . . . . . 206°C/W
*Stresses above those listed under Absolute Maximum Ratings
may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD5220 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
CLK
U/
D
A1
GND
VDD
CS
B1
W1
AD5220
tCSS
tCH
tCSH
tUDS
tCL
1
0
1
0
1
0
CS
CLK
U/
D
Figure 3. Detail Timing Diagram
Table I. Truth Table
CS
CLK
U/D
Operation
L
t
H
Wiper Increment Toward Terminal A
L
t
L
Wiper Decrement Toward Terminal B
H
X
X
Wiper Position Fixed
PIN FUNCTION DESCRIPTIONS
Pin
No.
Name
Description
1
CLK
Serial Clock Input, Negative Edge Triggered
2U/D
UP/DOWN Direction Increment Control
3
A1
Terminal A1
4
GND
Ground
5
W1
Wiper Terminal
6
B1
Terminal B1
7
CS
Chip Select Input, Active Low
8VDD
Positive Power Supply
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com