Electronic Components Datasheet Search
  English  ▼

X  

AD5220 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5220
Description  Increment Decrement Digital Potentionmeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5220 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5220 Datasheet HTML 3Page - Analog Devices AD5220 Datasheet HTML 4Page - Analog Devices AD5220 Datasheet HTML 5Page - Analog Devices AD5220 Datasheet HTML 6Page - Analog Devices AD5220 Datasheet HTML 7Page - Analog Devices AD5220 Datasheet HTML 8Page - Analog Devices AD5220 Datasheet HTML 9Page - Analog Devices AD5220 Datasheet HTML 10Page - Analog Devices AD5220 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AD5220
REV. A
-11-
ORDERING GUIDE
Model1, 2, 3
RAB (kΩ)
Temperature Range
Package Description
Package Option
Branding
AD5220BNZ10
10
−40°C to +85°C
8-Lead PDIP
N-8
AD5220BNZ100
100
−40°C to +85°C
8-Lead PDIP
N-8
AD5220BNZ50
50
−40°C to +85°C
8-Lead PDIP
N-8
AD5220BR10
10
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5220BR10-REEL7
10
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5220BR100
100
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5220BR100-REEL
100
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5220BR100-REEL7
100
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5220BRZ10
10
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5220BRZ10-REEL
10
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5220BRZ10-REEL7
10
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5220WBRZ10-REEL7
10
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5220BRZ100
100
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5220BRZ100-REEL7
100
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5220BRZ50
50
−40°C to +85°C
8-Lead SOIC_N
R-8
AD5220BRM100
100
−40°C to +85°C
8-Lead MSOP
RM-8
DQC
AD5220BRM100-REEL7
100
−40°C to +85°C
8-Lead MSOP
RM-8
DQC
AD5220BRMZ10
10
−40°C to +85°C
8-Lead MSOP
RM-8
D9H
AD5220BRMZ10-REEL7
10
−40°C to +85°C
8-Lead MSOP
RM-8
D9H
AD5220BRMZ100
100
−40°C to +85°C
8-Lead MSOP
RM-8
#DQC
AD5220BRMZ100-R7
100
−40°C to +85°C
8-Lead MSOP
RM-8
#DQC
AD5220BRMZ50
50
−40°C to +85°C
8-Lead MSOP
RM-8
#DQB
AD5220BRMZ50-RL7
50
−40°C to +85°C
8-Lead MSOP
RM-8
#DQB
1 Z = RoHS Compliant Part.
2 The AD5220 die size is 37 mil × 54 mil, 1998 sq mil; 0.938 mm × 1.372 mm, 1.289 sq mm. Contains 754 transistors. Patent Number 5495245 applies.
3 W = Qualified for Automotive Products.
AUTOMOTIVE PRODUCTS
The AD5220W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
REVISION HISTORY
12/10—Rev. 0 to Rev. A
Changes to Features Section ........................................................... 1
Updated Outline Dimensions ....................................................... 10
Changes to Ordering Guide .......................................................... 11
Added Automotive Products Section .......................................... 11
10/98—Revision 0: Initial Version
©2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03426-0-12/10(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com