Electronic Components Datasheet Search
  English  ▼

X  

TDA2030 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # TDA2030
Description  14W Hi-Fi AUDIO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2030 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  TDA2030 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TDA2030
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
C h a r a c t e r i s t i c s
S y mb o l
Va l u e
U n i t s
Supply Vo ltage
Vs
±18
V
Input Vo ltage
Vi
Vs
V
Diff erential input Vo ltage
Vdi
±15
V
Peak output Current (Internally limited)
Io
3.5
A
Power Dissipation at Tcase=90
°C
P t o t
2 0
W
St orage Te mp erature
Ts tg
-40~+150
°C
Junction Te mp erature
Tj
-40~+150
°C
THERMAL DATA
C h a r a c t e r i s t i c s
S y mb o l
Va l u e
U n i t s
Therma l Resistance Junction- case
Max
R t h ( j - c a s e )
3
°C/W
ELECTRICAL CHARACTERISTICS
(Refer to the test circuit, Vs=±14V, Ta =25°C, unless otherwise specified)
C h a r a c t e r i s t i c s
Te s t c o n d i t i o n s
Sy mbol M i n
Ty p M a x
Unit
±6
±18
Supply Vo ltage
Vs
1 2
3 6
V
Quiescent Drain Current
Id
40
60
mA
Input Bias Current
Ib
0.2
2
µA
Input Offset Vo ltage
Vo s
±2
±20
mA
Input Offset Current
Vs=
±18V(Vs=36V)
I o s
±20 ±200
nA
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com