Electronic Components Datasheet Search
  English  ▼

X  

TDA2030 Datasheet(PDF) 3 Page - Tiger Electronic Co.,Ltd

Part # TDA2030
Description  14W Hi-Fi AUDIO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2030 Datasheet(HTML) 3 Page - Tiger Electronic Co.,Ltd

  TDA2030 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TDA2030
ELECTRICAL CHARACTERISTICS
Continue
C h a r a c t e r i s t i c s
Te s t c o n d i t i o n s
Sy mbol M i n
Ty p M a x
Unit
R L =4
Ω
1 2
1 4
THD=0.5%, Gv=30dB,
f=40 to 15000Hz
R L =8
Ω
8
9
R L =4
Ω
1 8
Output Power
THD=10%,
Gv=30dB, f=1kHz
R L =8
Ω
Po
11
W
Power Bandwidth
(-3dB)
Po=12W, R L =4
Ω, Gv=30dB
B W
1 0 ~ 1 4 0 0 0 0
k H z
Open Loop Vo ltage
Gain
G v
9 0
d B
Closed Loop Vo ltage
Gain
f = 1 k H z
G v
2 9 . 5
3 0
3 0 . 5
d B
Po=0.1 to 12W, R L =4
Ω,
Gv=30dB, f=40 to 15000kHz
0 . 2
0 . 5
To tal Harmonic
Distortion
Po=0.1 to 8W R L =8
Ω
Gv=30dB, f=40 to 15000kHz
THD
0 . 1
0 . 5
%
Input Noise Vo ltage
e N
3
1 0
µV
Input Noise Current
B=22Hz to 22kHz
i N
8 0
2 0 0
p A
Input Resistance (pin1)
Ri
0.5
5
M
Ω
Supply Vo ltage
Rejection
R L =4
Ω, Rg=22kΩ, Gv=30dB,
Vr ipple=0.5Veff, fripple=100Hz
S V R
4 0
5 0
d B
Po=14W, R L =4
Ω
9 0 0
Drain current
Po=8W, R L =8
Ω
Id
5 0 0
mA
TEST CIRCUIT
C1
1.0uF
R2
680
C2
22uF
R1
22K
R3
22K
C5
100uF
C3
D2
1N4001
D1
1N4001
R4
1
C7
220nF
Vi
+Vs
R
1
2
3
5
4
L
2030
C4
C6
-Vs
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com