Electronic Components Datasheet Search
  English  ▼

X  

TDA2030 Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # TDA2030
Description  14W Hi-Fi AUDIO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TDA2030 Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  TDA2030 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd TDA2030 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TDA2030
3. Bridge amplifier configurat ion with split power supply (Po=28W, Vs=
±14V)
C1
1.0uF
R2
680
C2
22uF
R3
22K
R1
22K
D2
1N4001
D1
1N4001
Vi
1
2
3
5
4
2030
C4
-Vs
R4
C3
R7
680
C6
22uF
R9
22K
R6
22K
D4
1N4001
D3
1N4001
1
2
3
5
4
2030
1
R10 C9
R5
22K
C7
0.1uF
C11
R11
C5
0.22uF
1
R8
R =8
L
C8
0.1uF
+Vs
C10
100uF
CHARACTERISTICS CURVES
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com