Electronic Components Datasheet Search
  English  ▼

X  

A80960HT75SL2GP Datasheet(PDF) 83 Page - Intel Corporation

Part # A80960HT75SL2GP
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

A80960HT75SL2GP Datasheet(HTML) 83 Page - Intel Corporation

Back Button A80960HT75SL2GP Datasheet HTML 79Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 80Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 81Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 82Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 83Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 84Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 85Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 86Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
77
D21
Bidirectional
D22
Bidirectional
D23
Bidirectional
D24
Bidirectional
D25
Bidirectional
D26
Bidirectional
D27
Bidirectional
D28
Bidirectional
D29
Bidirectional
D30
Bidirectional
D31
Bidirectional
BTERMBAR
Input
RDYBAR
Input
Appears as READYBAR in BSDL
file.
HOLD
Input
HOLDA
Output
Enable for HOLDA control
Control
ADSBAR
Output
BE3BAR
Output
Appears as BEBAR(3:0) in BSDL
file.
BE2BAR
Output
BE1BAR
Output
BE0BAR
Output
BLASTBAR
Output
DENBAR
Output
WRRDBAR
Output
Appears as WRBAR in BSDL file.
DTRBAR
Output
Enable for DTRBAR
Control
WAITBAR
Output
BSTALL
Output
DATACODBAR
Output
Appears as DCBAR in BSDL file.
USERSUPBAR
Output
Appears as SUPBAR in BSDL file.
Enable for ADSBAR, BEBAR,
BLASTBAR, DENBAR, WRRDBAR,
WAITBAR, DCBAR, SUPBAR and
LOCKBAR,
Control
Table 25. 80960Hx Boundary Scan Chain (Sheet 2 of 4)
#
BOUNDARY SCAN CELL
CELL TYPE
COMMENT
NOTES:
1. Cell#1 connects to TDO and cell #112 connects to TDI.
2. All outputs are three-state.
3. In output and bidirectional signals, a logical “1” on the enable signal enables the output. A logical “0”
three-states the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com