Electronic Components Datasheet Search
  English  ▼

X  

A80960HT75SL2GP Datasheet(PDF) 84 Page - Intel Corporation

Part # A80960HT75SL2GP
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

A80960HT75SL2GP Datasheet(HTML) 84 Page - Intel Corporation

Back Button A80960HT75SL2GP Datasheet HTML 80Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 81Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 82Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 83Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 84Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 85Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 86Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 87Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 88Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
80960HA/HD/HT
78
Advance Information Datasheet
LOCKBAR
Output
BREQ
Output
A31
Output
A30
Output
A29
Output
A28
Output
A27
Output
A26
Output
A25
Output
A24
Output
A23
Output
A22
Output
A21
Output
A20
Output
A19
Output
A18
Output
A17
Output
A16
Output
Enable for A(31:0) and CT(3:0)
Control
A15
Output
A14
Output
A13
Output
A12
Output
A11
Output
A10
Output
A9
Output
A8
Output
A7
Output
A6
Output
A5
Output
A4
Output
A3
Output
A2
Output
NMIBAR
Input
Table 25. 80960Hx Boundary Scan Chain (Sheet 3 of 4)
#
BOUNDARY SCAN CELL
CELL TYPE
COMMENT
NOTES:
1. Cell#1 connects to TDO and cell #112 connects to TDI.
2. All outputs are three-state.
3. In output and bidirectional signals, a logical “1” on the enable signal enables the output. A logical “0”
three-states the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com