Electronic Components Datasheet Search
  English  ▼

X  

A80960HT75SL2GP Datasheet(PDF) 42 Page - Intel Corporation

Part # A80960HT75SL2GP
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

A80960HT75SL2GP Datasheet(HTML) 42 Page - Intel Corporation

Back Button A80960HT75SL2GP Datasheet HTML 38Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 39Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 40Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 41Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 42Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 43Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 44Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 45Page - Intel Corporation A80960HT75SL2GP Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
80960HA/HD/HT
36
Advance Information Datasheet
Table 23. AC Characteristics Notes
NOTES:
1. See Section 4.8, “AC Timing Waveforms” on page 38 for waveforms and definitions.
2. See Figure 25 “Output Delay or Hold vs. Load Capacitance” on page 44 for capacitive derating information
for output delays and hold times.
3. See Figure 22 “Rise and Fall Time Derating at 85°C and Minimum VCC” on page 43 for capacitive derating
information for rise and fall times.
4. Where N is the number of NRAD,NRDD,NWAD or NWDD wait states that are programmed in the Bus
Controller Region Table. WAIT never goes active when there are no wait states in an access.
5. N = Number of wait states inserted with READY.
6. These specifications are guaranteed by the processor.
7. These specifications must be met by the system for proper operation of the processor.
8. RESET is an asynchronous input that has no required setup and hold time for proper operation. However,
to guarantee the device exits the reset mode synchronized to a particular clock edge, the rising edge of
RESET must meet setup and hold times to the rising edge of the CLKIN.
9. The interrupt pins are synchronized internally by the 80960Hx. They have no required setup or hold times
for proper operation. These pins are sampled by the interrupt controller every clock and must be active for
at least two consecutive CLKIN rising edges when asserting them asynchronously. To guarantee
recognition at a particular clock edge, the setup and hold times shown must be met.
10.Relative Output timings are not tested.
11.Not tested.
12.The processor minimizes changes to the bus signals when transitioning from a bus cycle to an idle bus for
the following signals: A31:4, SUP,CT3:0,D/C,LOCK,W/R, BE3:0.
Table 24. 80960Hx Boundary Scan Test Signal Timings
Symbol
Parameter
Min
Max
Units
Notes
TBSF
TCK Frequency
0
8
MHz
TBSC
TCK Period
125
Infinite
ns
TBSCH
TCK High Time
40
ns
Measured at 1.5 V (1)
TBSCL
TCK Low Time
40
ns
Measured at 1.5 V (1)
TBSCR
TCK Rise Time
8
ns
0.8 V to 2.0 V (1)
TBSCF
TCK Fall Time
8
ns
2.0 V to 0.8 V (1)
TBSIS1
Input Setup to TCK —
TDI, TMS
8ns
TBSIH1
Input Hold from TCK —
TDI, TMS
10
ns
TBSOV1
TDO Valid Delay
3
30
ns
TBSOF1
TDO Float Delay
36
ns
(1)
TBSOV2
All Outputs (Non-Test)
Valid Delay
330
ns
Relative to TCK
TBSOF2
All Outputs (Non-Test)
Float Delay
36
ns
Relative to TCK (1)
TBSIS2
Input Setup to TCK - All
Inputs (Non-Test)
8ns
TBSIH2
Input Hold from TCK - All
Inputs (Non-Test)
10
ns
NOTE:
1. Not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com