Electronic Components Datasheet Search
  English  ▼

X  

82527 Datasheet(PDF) 15 Page - Intel Corporation

Part # 82527
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82527 Datasheet(HTML) 15 Page - Intel Corporation

Back Button 82527 Datasheet HTML 11Page - Intel Corporation 82527 Datasheet HTML 12Page - Intel Corporation 82527 Datasheet HTML 13Page - Intel Corporation 82527 Datasheet HTML 14Page - Intel Corporation 82527 Datasheet HTML 15Page - Intel Corporation 82527 Datasheet HTML 16Page - Intel Corporation 82527 Datasheet HTML 17Page - Intel Corporation 82527 Datasheet HTML 18Page - Intel Corporation 82527 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
82527
AC Characteristics for 8-Bit Non-Multiplexed Synchronous Mode (Mode 3)
Conditions VCC e 5V g10% VSS e 0V TA eb40 Cto a125 C CL e 100 pF
Symbol
Parameter
Min
Max
1tXTAL
Oscillator Frequency
8 MHz
16 MHz
1tSCLK
System Clock Frequency
4 MHz
10 MHz
1tMCLK
Memory Clock Frequency
2 MHz
8 MHz
tEHDV
E High to Data Valid out of High Speed
55 ns
Register (02H 04H 05H)
Read Cycle without Previous Write for
15 tMCLK a 100 ns
Low Speed Registers(1)
Read Cycle with Previous Write for
35 tMCLK a 100 ns
Low Speed Registers(1)
tELDH
Data Hold after E Low for a Read
5 ns
Cycle
tELDZ
Data Float after E Low
35 ns
tELDV
Data Hold after E Low for a Write Cycle
15 ns
tAVEH
Address and RW
to E Setup
25 ns
tELAV
Address and RW
Valid after E Falls
15 ns
tCVEH
CS
Valid to E High
0 ns
tELCV
CS
Valid after E Low
0 ns
tDVEL
Data Setup to E Low
55 ns
tEHEL
E Active Width
100 ns
tAVAV
Start of a Write Cycle after a Previous
2 tMCLK
Write Access
tAVCL
Address or RW
to CS
Low Setup
3 ns
tCHAI
CS
High to Address Invalid
7 ns
tCOPD
CLKOUT Period
(CDV a 1) tOSC(2)
tCHCL
CLKOUT High Period
(CDV a 1)
tOSC b 10
(CDV a 1)
tOSC a 15
NOTES
1 Definition of ‘‘Read Cycle without a Previous Write’’ The time between the falling edge of E (for the previous write cycle)
and the rising edge of E (for the current read cycle) is greater than 2 tMCLK
2 Definition of CDV is the value loaded in the CLKOUT register representing the CLKOUT divisor
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com