Electronic Components Datasheet Search
  English  ▼

X  

82527 Datasheet(PDF) 18 Page - Intel Corporation

Part # 82527
Description  SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82527 Datasheet(HTML) 18 Page - Intel Corporation

Back Button 82527 Datasheet HTML 14Page - Intel Corporation 82527 Datasheet HTML 15Page - Intel Corporation 82527 Datasheet HTML 16Page - Intel Corporation 82527 Datasheet HTML 17Page - Intel Corporation 82527 Datasheet HTML 18Page - Intel Corporation 82527 Datasheet HTML 19Page - Intel Corporation 82527 Datasheet HTML 20Page - Intel Corporation 82527 Datasheet HTML 21Page - Intel Corporation 82527 Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
82527
AC Characteristics for Serial Interface Mode
272250 – 12
272250 – 13
AC TESTING INPUT
Input Output Waveforms
272250 – 14
NOTE
AC Inputs during testing are driven at VCC b 05V for a
Logic ‘‘1’’ and 01V for a Logic ‘‘0’’ Timing measure-
ments are made at VOH Min for a Logic ‘‘1’’ and VOL
Max for a Logic ‘‘0’’
DATA SHEET REVISION HISTORY
This is the -006 revision of the 82527 data sheet
The following differences exist between the -005
version and the -006 revision There were no specifi-
cation changes between the -004 version and the
-005 revision
1 The 82527 44-ld QFP was added to the product
description the pinmap for the QFP package is
also included
2 The pin numbers were removed from the pin de-
scription list to accommodate the new 44-ld QFP
package
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com