Electronic Components Datasheet Search
  English  ▼

X  

82C55 Datasheet(PDF) 18 Page - Intel Corporation

Part # 82C55
Description  CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C55 Datasheet(HTML) 18 Page - Intel Corporation

Back Button 82C55 Datasheet HTML 14Page - Intel Corporation 82C55 Datasheet HTML 15Page - Intel Corporation 82C55 Datasheet HTML 16Page - Intel Corporation 82C55 Datasheet HTML 17Page - Intel Corporation 82C55 Datasheet HTML 18Page - Intel Corporation 82C55 Datasheet HTML 19Page - Intel Corporation 82C55 Datasheet HTML 20Page - Intel Corporation 82C55 Datasheet HTML 21Page - Intel Corporation 82C55 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
82C55A
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature Under Bias0 Cto a 70 C
Storage Temperature
b
65 Cto a 150 C
Supply Voltage
b
05 to a 80V
Operating Voltage
a
4V to a 7V
Voltage on any Input
GNDb2V to a 65V
Voltage on any Output
GNDb05V to VCC a 05V
Power Dissipation
1 Watt
NOTICE This is a production data sheet The specifi-
cations are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
DC CHARACTERISTICS
TA e 0 Cto70 C VCC ea5V g10% GND e 0V (TA eb40 Cto a85 C for Extended Temperture)
Symbol
Parameter
Min
Max
Units
Test Conditions
VIL
Input Low Voltage
b
05
08
V
VIH
Input High Voltage
20
VCC
V
VOL
Output Low Voltage
04
V
IOL e 25 mA
VOH
Output High Voltage
30
V
IOH eb25 mA
VCC b 04
V
IOH eb100 mA
IIL
Input Leakage Current
g
1
m
AVIN e VCC to 0V
(Note 1)
IOFL
Output Float Leakage Current
g
10
m
AVIN e VCC to 0V
(Note 2)
IDAR
Darlington Drive Current
g
25
(Note 4)
mA
Ports A B C
Rext e 500X
Vext e 17V
IPHL
Port Hold Low Leakage Current
a
50
a
300
m
AVOUT e 10V
Port A only
IPHH
Port Hold High Leakage Current
b
50
b
300
m
AVOUT e 30V
Ports A B C
IPHLO
Port Hold Low Overdrive Current
b
350
m
AVOUT e 08V
IPHHO
Port Hold High Overdrive Current
a
350
m
AVOUT e 30V
ICC
VCC Supply Current
10
mA
(Note 3)
ICCSB
VCC Supply Current-Standby
10
m
AVCC e 55V
VIN e VCC or GND
Port Conditions
If IP e OpenHigh
OP e Open Only
With Data Bus e
HighLow
CS e High
Reset e Low
Pure Inputs e
LowHigh
NOTES
1 Pins A1 A0 CS WR RD Reset
2 Data Bus Ports B C
3 Outputs open
4 Limit output current to 40 mA
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com