Electronic Components Datasheet Search
  English  ▼

X  

82C55 Datasheet(PDF) 19 Page - Intel Corporation

Part # 82C55
Description  CHMOS PROGRAMMABLE PERIPHERAL INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82C55 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 82C55 Datasheet HTML 15Page - Intel Corporation 82C55 Datasheet HTML 16Page - Intel Corporation 82C55 Datasheet HTML 17Page - Intel Corporation 82C55 Datasheet HTML 18Page - Intel Corporation 82C55 Datasheet HTML 19Page - Intel Corporation 82C55 Datasheet HTML 20Page - Intel Corporation 82C55 Datasheet HTML 21Page - Intel Corporation 82C55 Datasheet HTML 22Page - Intel Corporation 82C55 Datasheet HTML 23Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
82C55A
CAPACITANCE
TA e 25 C VCC eGND e 0V
Symbol
Parameter
Min
Max
Units
Test Conditions
CIN
Input Capacitance
10
pF
Unmeasured plns
returned to GND
CIO
IO Capacitance
20
pF
fc e 1 MHz(5)
NOTE
5 Sampled not 100% tested
AC CHARACTERISTICS
TA e 0 to 70 C VCC ea5V g10% GND e 0V
TA eb40 Cto a85 C for Extended Temperature
BUS PARAMETERS
READ CYCLE
Symbol
Parameter
82C55A-2
Units
Test
Min
Max
Conditions
tAR
Address Stable Before RD
v
0ns
tRA
Address Hold Time After RD
u
0ns
tRR
RD Pulse Width
150
ns
tRD
Data Delay from RD
v
120
ns
tDF
RD
u to Data Floating
10
75
ns
tRV
Recovery Time between RD WR
200
ns
WRITE CYCLE
Symbol
Parameter
82C55A-2
Units
Test
Min
Max
Conditions
tAW
Address Stable Before WR
v
0ns
tWA
Address Hold Time After WR
u
20
ns
PortsAB
20
ns
Port C
tWW
WR Pulse Width
100
ns
tDW
Data Setup Time Before WR
u
100
ns
tWD
Data Hold Time After WR
u
30
ns
PortsAB
30
ns
Port C
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com