Electronic Components Datasheet Search
  English  ▼

X  

83C196LD Datasheet(PDF) 22 Page - Intel Corporation

Part # 83C196LD
Description  CHMOS 16-BIT MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

83C196LD Datasheet(HTML) 22 Page - Intel Corporation

Back Button 83C196LD Datasheet HTML 14Page - Intel Corporation 83C196LD Datasheet HTML 15Page - Intel Corporation 83C196LD Datasheet HTML 16Page - Intel Corporation 83C196LD Datasheet HTML 17Page - Intel Corporation 83C196LD Datasheet HTML 18Page - Intel Corporation 83C196LD Datasheet HTML 19Page - Intel Corporation 83C196LD Datasheet HTML 20Page - Intel Corporation 83C196LD Datasheet HTML 21Page - Intel Corporation 83C196LD Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
22
ADVANCE INFORMATION
83C196LC, 83C196LD — AUTOMOTIVE
•
I/O port pins. The following port pins do not exist in the 83C196LC and LD: P0.0–P0.1, P1.4–P1.7, P2.3
and P2.5, P5.1 and P5.4–P5.7, P6.2 and P6.3. Software can still read and write the associated Px_REG,
Px_MODE, and Px_DIR registers. Configure the registers for the removed pins as follows:
— Clear the corresponding Px_DIR bits. (Configures pins as complementary outputs.)
— Clear the corresponding Px_MODE bits. (Selects I/O port function.)
— Write either “0” or “1” to the corresponding Px_REG bits. (Effectively ties signals low or high.)
— Do not use the bits associated with the removed port pins for conditional branch instructions. Treat
these bits as reserved.
•
P6.7:4. A value written to any of the upper four bits of P6_REG (bits 4–7) is held in a buffer until the corre-
sponding P6_MODE bit is cleared, at which time the value is loaded into the P6_REG bit. A value read
from a P6_REG bit is the value currently in the register, not the value in the buffer. Therefore, any change
to a P6_REG bit can be read only after the corresponding P6_MODE bit is cleared.
•
Reading reserved memory locations. The 87C196JT and JQ implement a precharged peripheral bus
within the microcontroller that returns a logic one when reserved bits are read. The 83C196LC and LD use
a driven bus within the microcontroller that returns the last value driven on the peripheral data bus when
reserved bits are read.
8.0
83C196LC, 83C196LD ERRATA
There is no known device errata at this time.
9.0 DATASHEET REVISION HISTORY
This datasheet is valid for devices with an “A” at the end of the topside field process order (FPO) number.
Datasheets are changed as new device information becomes available. Verify with your local Intel sales
office that you have the latest version before finalizing a design or ordering devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com