Electronic Components Datasheet Search
  English  ▼

X  

87C196 Datasheet(PDF) 1 Page - Intel Corporation

Part # 87C196
Description  CHMOS 16-BIT MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 1 Page - Intel Corporation

  87C196 Datasheet HTML 1Page - Intel Corporation 87C196 Datasheet HTML 2Page - Intel Corporation 87C196 Datasheet HTML 3Page - Intel Corporation 87C196 Datasheet HTML 4Page - Intel Corporation 87C196 Datasheet HTML 5Page - Intel Corporation 87C196 Datasheet HTML 6Page - Intel Corporation 87C196 Datasheet HTML 7Page - Intel Corporation 87C196 Datasheet HTML 8Page - Intel Corporation 87C196 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
PRODUCT PREVIEW
COPYRIGHT © INTEL CORPORATION, 1996
October 1996
Order Number: 272806-001
87C196LA
CHMOS 16-BIT MICROCONTROLLER
Automotive
NOTE
This datasheet contains information on products in the design phase of development.
The specifications are subject to change without notice. Verify with your local Intel sales
office that you have the latest datasheet before finalizing a design.
The 87C196LA is a high-performance 16-bit microcontroller. The 87C196LA is composed of a high-speed
core with the following peripherals: an asynchronous/synchronous serial I/O port (8096 compatible) with a
dedicated 16-bit baud-rate generator; an additional synchronous serial I/O port with full duplex master/slave
transceivers; a six-channel A/D converter with sample and hold; a flexible timer/counter structure with
prescaler, cascading, and quadrature capabilities; six modularized, multiplexed high-speed I/O for capture
and compare (called event processor array) with 200 ns resolution and double buffered inputs; and a sophis-
ticated, prioritized interrupt structure with programmable peripheral transaction server (PTS). The clock
doubler circuitry and oscillator output signal enable a 4 MHz resonator to achieve the same internal clock
speed as a more costly 8 MHz resonator in previous applications. This same circuitry can drive other devices
where a separate resonator was required in the past. Another cost-savings feature is the fact that the I/O
ports are driven low at reset, avoiding the need for pull-up resistors.
s 20 MHz operation†
s 24 Kbytes of on-chip OTPROM
s 768 bytes of on-chip register RAM
s Register-to-register architecture
s Peripheral transaction server (PTS)
with high-speed, microcoded interrupt
service routines
s Six-channel/10-bit A/D with sample and
hold
s High-speed event processor array
— Six capture/compare channels
— Two compare-only channels
— Two 16-bit software timers
† 16 MHz standard; 20 MHz is speed premium
s Full-duplex serial I/O port with
dedicated baud-rate generator
s Enhanced full-duplex, synchronous
serial I/O port (SSIO)
s Programmable 8- or 16-bit external bus
s Optional clock doubler with
programmable clock output signal
s SFR register that indicates the source
of the last reset
s Design enhancements for EMI
reduction
s Oscillator failure detection circuitry
s Watchdog timer (WDT)
s –40° C to +125° C ambient temperature
s 52-pin PLCC package


Similar Part No. - 87C196

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196 INTEL-87C196 Datasheet
453Kb / 33P
ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
87C196 INTEL-87C196 Datasheet
311Kb / 38P
Advanced 16-Bit CHMOS Microcontrollers
87C196 INTEL-87C196 Datasheet
258Kb / 21P
16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196 INTEL-87C196 Datasheet
255Kb / 21P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
87C196 INTEL-87C196 Datasheet
324Kb / 25P
ADVANCED 16-BIT CHMOS MICROCONTROLLER
More results

Similar Description - 87C196

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
CHMOS 16-BIT MICROCONTROLLER
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
CHMOS 16-BIT MICROCONTROLLER
87C196KT INTEL-87C196KT Datasheet
428Kb / 34P
ADVANCED 16-BIT CHMOS MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
CHMOS 16-BIT MICROCONTROLLER
8XC196NP INTEL-8XC196NP Datasheet
661Kb / 51P
COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
8XL196NP INTEL-8XL196NP Datasheet
581Kb / 34P
COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
CHMOS 16-Bit Microcontroller
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
EG80C196NP25 INTEL-EG80C196NP25 Datasheet
607Kb / 51P
COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com