Electronic Components Datasheet Search
  English  ▼

X  

87C196 Datasheet(PDF) 21 Page - Intel Corporation

Part # 87C196
Description  CHMOS 16-BIT MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 87C196 Datasheet HTML 13Page - Intel Corporation 87C196 Datasheet HTML 14Page - Intel Corporation 87C196 Datasheet HTML 15Page - Intel Corporation 87C196 Datasheet HTML 16Page - Intel Corporation 87C196 Datasheet HTML 17Page - Intel Corporation 87C196 Datasheet HTML 18Page - Intel Corporation 87C196 Datasheet HTML 19Page - Intel Corporation 87C196 Datasheet HTML 20Page - Intel Corporation 87C196 Datasheet HTML 21Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
PRODUCT PREVIEW
21
AUTOMOTIVE — 87C196LA
6.0 THERMAL CHARACTERISTICS
All thermal impedance data is approximate for static
air conditions at 1 watt of power dissipation. Values
will change depending on operating conditions and
the application. The Intel
Packaging Handbook
(order number 240800) describes Intel’s thermal
impedance test methodology. The
Components
Quality and Reliability Handbook (order number
210997) provides quality and reliability information.
7.0 DESIGN CONSIDERATIONS
To be supplied.
8.0
DEVICE ERRATA
There are no known device errata at this time.
9.0 DATASHEET REVISION HISTORY
This datasheet is valid for devices with an “A” at the
end of the topside field process order (FPO)
number. Datasheets are changed as new device
information becomes available. Verify with your
local Intel sales office that you have the latest
version before finalizing a design or ordering
devices.
Table 10. Thermal Characteristics
Package Type
θ
JA
θ
JC
AN87C196LA (52-pin PLCC)
42°C/W
15°C/W
NOTES:
1.
θ
JA = Thermal resistance between junction
and the surrounding environment (ambient).
Measurements are taken 1 ft. away from
case in static air flow environment.
θ
JC = Thermal resistance between juction
and package surface (case).
2.
All values of
θ
JA and θJC may fluctuate
depending on the environment (with or with-
out airflow, and how much airflow) and
device power dissipation at temperature of
operation. Typical variations are ± 2°C/W.
3.
Values listed are at a maximum power dissi-
pation of 0.50 W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com