Electronic Components Datasheet Search
  English  ▼

X  

80C196MH Datasheet(PDF) 30 Page - Intel Corporation

Part # 80C196MH
Description  INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C196MH Datasheet(HTML) 30 Page - Intel Corporation

Back Button 80C196MH Datasheet HTML 26Page - Intel Corporation 80C196MH Datasheet HTML 27Page - Intel Corporation 80C196MH Datasheet HTML 28Page - Intel Corporation 80C196MH Datasheet HTML 29Page - Intel Corporation 80C196MH Datasheet HTML 30Page - Intel Corporation 80C196MH Datasheet HTML 31Page - Intel Corporation 80C196MH Datasheet HTML 32Page - Intel Corporation 80C196MH Datasheet HTML 33Page - Intel Corporation 80C196MH Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
®
30
Figure 14. Float Waveforms
AC CHARACTERISTICS — SERIAL PORT, SHIFT REGISTER MODE
Table 13. Serial Port Timing — Shift Register Mode (Mode 0)
Symbol
Parameter
Min
Max
Units
Notes
T
XLXL
Serial Port Clock Period
(Baud-rate
n
≥ 8002H)
(Baud-rate
n
= 8001H)
6T
OSC
4T
OSC
ns
ns
1, 2
T
XLXH
Serial Port Clock Low Period
(Baud-rate
n
≥ 8002H)
(Baud-rate
n
= 8001H)
4T
OSC – 50
2T
OSC – 50
4T
OSC + 50
2T
OSC + 50
ns
ns
1, 2
T
QVXH
Output Data Setup to Clock High
2T
OSC – 50
ns
T
XHQX
Output Data Hold after Clock High
2T
OSC – 50
ns
T
XHQV
Next Output Data Valid after Clock High
2T
OSC + 50
ns
T
DVXH
Input Data Setup to Clock High
T
OSC + 50
ns
T
XHDX
Input Data Hold after Clock High
0
ns
T
XHQZ
Last Clock High to Output Float
T
OSC
ns
NOTES:
1.
n for Baud-raten signifies Serial Port 0 or 1.
2.
Maximum Serial Port Mode 0 reception is with Baud-rate
n
≥ 8002H.
VLOAD + 0.1 V
VLOAD – 0.1 V
Timing Reference
Points
VLOAD
VOH – 0.1 V
VOL + 0.1 V
For timing purposes, a port pin is no longer floating when a
100 mV change from load voltage occurs and begins to float
when a 100 mV change from the loading VOH/VOL level occurs
with IOL/IOH ≤15 mA.
A2579-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com