Electronic Components Datasheet Search
  English  ▼

X  

80C196MH Datasheet(PDF) 35 Page - Intel Corporation

Part # 80C196MH
Description  INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C196MH Datasheet(HTML) 35 Page - Intel Corporation

Back Button 80C196MH Datasheet HTML 31Page - Intel Corporation 80C196MH Datasheet HTML 32Page - Intel Corporation 80C196MH Datasheet HTML 33Page - Intel Corporation 80C196MH Datasheet HTML 34Page - Intel Corporation 80C196MH Datasheet HTML 35Page - Intel Corporation 80C196MH Datasheet HTML 36Page - Intel Corporation 80C196MH Datasheet HTML 37Page - Intel Corporation 80C196MH Datasheet HTML 38Page - Intel Corporation 80C196MH Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
8XC196MH INDUSTRIAL MOTOR CONTROL CHMOS MICROCONTROLLER
®
35
AC CHARACTERISTICS — A/D CONVERTER
Table 16. 10-bit A/D Operating Conditions (1)
Symbol
Description
Min
Max
Units
Notes
TA
Ambient Temperature
– 40
+ 85
°C
V
CC
Digital Supply Voltage
4.50
5.50
V
V
REF
Analog Supply Voltage
4.50
5.50
V
2
T
SAM
Sample Time
1.0
µs3
T
CONV
Conversion Time
10.0
20.0
µs3
F
OSC
Oscillator Frequency
8
16
MHz
NOTES:
1.
ANGND and V
SS should nominally be at the same potential.
2.
V
REF must not exceed VCC by more than + 0.5 V because VREF supplies both the resistor ladder and the
analog portion of the converter and input port pins.
3.
Program the AD_TIME register to meet the T
SAM and TCONV specifications.
Table 17. 10-bit Mode A/D Characteristics Over Specified Operating Conditions (1)
Parameter
Typical (3)
Min
Max
Units (2)
Notes
Resolution
1024
10
1024
10
Levels
Bits
Absolute Error
0
± 3LSBs
Full-scale Error
0.25
± 0.5
LSBs
Zero Offset Error
0.25
± 0.5
LSBs
Nonlinearity
1.0
± 2.0
± 3LSBs
Differential Nonlinearity
– 0.75
+ 0.75
LSBs
Channel-to-channel Matching
± 0.1
0
± 1
LSBs
Repeatability
± 0.25
0
LSBs
NOTES:
1.
Testing is performed with V
REF = 5.12 V and FOSC = 16 MHz.
2.
An
LSB, as used here, has a value of approximately 5 mV.
3.
Typical values are based on a limited number of samples and are not guaranteed. Operating conditions
for typical values are room temperature and V
REF = VCC = 5.5 V.
4.
DC to 100 KHz.
5.
Multiplexer break-before-make guaranteed.
6.
Resistance from device pin, through internal multiplexer, to sample capacitor.
7.
These values may be exceeded if the pin current is limited to ± 2mA.
8.
Applying voltage beyond these specifications will degrade the accuracy of other channels being con-
verted.
9.
All conversions were performed with processor in idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com