Electronic Components Datasheet Search
  English  ▼

X  

LXT970ATC Datasheet(PDF) 12 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 12 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 8Page - Intel Corporation LXT970ATC Datasheet HTML 9Page - Intel Corporation LXT970ATC Datasheet HTML 10Page - Intel Corporation LXT970ATC Datasheet HTML 11Page - Intel Corporation LXT970ATC Datasheet HTML 12Page - Intel Corporation LXT970ATC Datasheet HTML 13Page - Intel Corporation LXT970ATC Datasheet HTML 14Page - Intel Corporation LXT970ATC Datasheet HTML 15Page - Intel Corporation LXT970ATC Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
12
Datasheet
3TRSTE
I
Tri-state. In DTE Mode (19.13 = 0), when TRSTE input is High, the LXT970A
isolates itself from the MII Data Interface, and controls the MDIO register bit
0.10 (Isolate bit).
When MDDIS is High, TRSTE provides continuous control over bit 0.10. When
MDDIS is Low, TRSTE sets initial (default) values only and reverts control back
to the MDIO interface.
In Repeater Mode (19.13 = 1), when TRSTE input is High, the LXT970A tri-
states the receive outputs of the MII (RXD<4:0>, RX_DV, RX_ER, RX_CLK).
MII Control Interface Pins
15
MDDIS
I
Management Disable. When MDDIS is High, the MDIO is restricted to Read
Only and the MF<4:0>, CFG<1:0>, and FDE pins provide continual control of
their respective bits. When MDDIS is Low at power up or Reset, the MF<4:0>,
CFG<1:0>, and FDE pins control only the initial or “default” values of their
respective register bits. After the power-up/reset cycle is complete, bit control
reverts to the MDIO serial channel.
45
MDC
I
Management Data Clock. Clock for the MDIO serial data channel. Maximum
frequency is 2.5 MHz.
44
MDIO
I/O
Management Data Input/Output. Bidirectional serial data channel for PHY/
STA communication.
2
FDS/MDINT
OD
Full-Duplex Status. When bit 17.1 = 0 (default), this pin indicates full-duplex
status. (High = full-duplex, Low = half-duplex)
This pin can drive a high efficiency LED. (See Table 23 for detail specifications).
Management Data Interrupt. When bit 17.1 = 1, an active Low output on this
pin indicates status change.
Interrupt is cleared by sequentially reading Register 1, then Register 18.
Table 3.
LXT970A Fiber Interface Signal Descriptions
Pin#1
Pin Name
I/O2
Signal Description
17
18
FIBOP
FIBON
O
Fiber Output, Positive and Negative. Differential pseudo-ECL driver pair compatible with
standard fiber transceiver for 100BASE-FX.
27
28
FIBIP
FIBIN
I
Fiber Input, Positive and Negative. Differential pseudo-ECL receive pair compatible with
standard fiber transceiver for 100BASE-FX.
1. Pin numbers apply to all package types.
2. I/O Column Coding: I = Input, O = Output, OD = Open Drain, A = Analog.
Table 2.
LXT970A MII Signal Descriptions (Continued)
Pin#1
Pin Name
I/O2,3
Signal Description4
1. Pin numbers apply to all package types.
2. I/O Column Coding: I = Input, O = Output, OD = Open Drain, A = Analog.
3. If bit 17.3 = 0, 55
Ω series termination resistors are recommended on all output signals to avoid undershoot/overshoot, even
on short traces.
If bit 17.3 = 1, termination resistors are not required.
4. The LXT970A supports the 802.3 MDIO register set. Specific bits in the registers are referenced using an “X.Y” notation,
where X is the register number (0-6 or 16-20) and Y is the bit number (0-15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com