Electronic Components Datasheet Search
  English  ▼

X  

LXT970ATC Datasheet(PDF) 50 Page - Intel Corporation

Part # LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Datasheet(HTML) 50 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 46Page - Intel Corporation LXT970ATC Datasheet HTML 47Page - Intel Corporation LXT970ATC Datasheet HTML 48Page - Intel Corporation LXT970ATC Datasheet HTML 49Page - Intel Corporation LXT970ATC Datasheet HTML 50Page - Intel Corporation LXT970ATC Datasheet HTML 51Page - Intel Corporation LXT970ATC Datasheet HTML 52Page - Intel Corporation LXT970ATC Datasheet HTML 53Page - Intel Corporation LXT970ATC Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
50
Datasheet
Table 29. 10BASE-T Transceiver Characteristics
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Transmitter
Peak Differential
Output Voltage
VOP
2.2
2.5
2.8
V
With transformer, line
replaced by 100
Ω (±1%)
resistor
Transmit Timing Jitter added by the
MAU and PLS Sections2,3
–
02
11
ns
After line model specified by
IEEE 802.3 for 10BASE-T
MAU
Receiver
Receive Input Impedance2
ZIN
–
3.6
–
k
Ω
Between TPIP/TPIN
Differential Squelch Threshold
VDS
300
420
585
mV
5 MHz square wave input
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. Parameter is guaranteed by design; not subject to production testing.
3. IEEE 802.3 specifies maximum jitter additions at 1.5 ns for the AUI cable, 0.5ns from the encoder, and 3.5ns from the MAU.
Table 30. 10BASE-T Link Integrity Timing Characteristics
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Time Link Loss Receive
TLL
50
64
150
ms
–
Link Pulse
TLP
2
4
7
Link Pulses
–
Link Min Receive Timer
TLR MIN
24
7
ms
–
Link Max Receive Timer
TLR MAX
50
64
150
ms
–
Link Transmit Period
Tlt
8
10
24
ms
–
Link Pulse Width
Tlpw
–
100
–
ns
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com