Electronic Components Datasheet Search
  English  ▼

X  

SP3223EB Datasheet(PDF) 10 Page - Exar Corporation

Part # SP3223EB
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3223EB Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP3223EB Datasheet HTML 6Page - Exar Corporation SP3223EB Datasheet HTML 7Page - Exar Corporation SP3223EB Datasheet HTML 8Page - Exar Corporation SP3223EB Datasheet HTML 9Page - Exar Corporation SP3223EB Datasheet HTML 10Page - Exar Corporation SP3223EB Datasheet HTML 11Page - Exar Corporation SP3223EB Datasheet HTML 12Page - Exar Corporation SP3223EB Datasheet HTML 13Page - Exar Corporation SP3223EB Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3223E/EB/EU_0_06272
0
Receivers
The receivers convert ±5.0V EIA/TIA-232
levels to TTL or CMOS logic output levels.
Receivers have an inverting output that can
be disabled by using the EN pin.
Receivers are active when the AUTO ON-
LINE® circuitry is enabled or when in shut-
down.Duringtheshutdown,thereceiverswill
continue to be active. If there is no activity
present at the receivers for a period longer
than00µsorwhenSHUTDOWNisenabled,
the device goes into a standby mode where
the circuit draws µA. Driving EN to a logic
HIGH forces the outputs of the receivers into
high-impedance. The truth table logic of the
SP3223 driver and receiver outputs can be
found in Table 2.
Since receiver input is usually from a trans-
mission line where long cable lengths and
system interference can degrade the signal,
the inputs have a typical hysteresis margin
of 300mV. This ensures that the receiver
is virtually immune to noisy transmission
lines. Should an input be left unconnected,
an internal 5kΩ pull-down resistor to ground
will commit the output of the receiver to a
HIGH state.
Table 3. SHUTDOWN and EN Truth Tables
Note: In AUTO ON-LINE® Mode where ONLINE = GND
and SHUTDOWN = V
CC, the device will shut down if
there is no activity present at the Receiver inputs.
Figure 4. Loopback Test Circuit for RS-232 Driver
Data Transmission Rates
Charge Pump
The charge pump uses a unique approach
compared to older less–efficient designs.
The charge pump still requires four external
capacitors, but uses a four–phase voltage
shifting technique to attain symmetrical
5.5V power supplies. The internal power
supply consists of a regulated dual charge
pump that provides output voltages of
+/-5.5V regardless of input voltage (V
CC)
over the +3.0V to +5.5V range. This
is important to maintain compliant RS-
232 levels regardless of power supply
fluctuations.
Figure 5. Loopback Test Circuit result at 250Kbps
(All Drivers Fully Loaded)
Device: SP3223
SHUTDOWN
EN
T
XOUT
R
XOUT
0
0
High Z
Active
0

High Z
High Z

0
Active
Active


Active
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com