Electronic Components Datasheet Search
  English  ▼

X  

SP3223EB Datasheet(PDF) 3 Page - Exar Corporation

Part # SP3223EB
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3223EB Datasheet(HTML) 3 Page - Exar Corporation

  SP3223EB Datasheet HTML 1Page - Exar Corporation SP3223EB Datasheet HTML 2Page - Exar Corporation SP3223EB Datasheet HTML 3Page - Exar Corporation SP3223EB Datasheet HTML 4Page - Exar Corporation SP3223EB Datasheet HTML 5Page - Exar Corporation SP3223EB Datasheet HTML 6Page - Exar Corporation SP3223EB Datasheet HTML 7Page - Exar Corporation SP3223EB Datasheet HTML 8Page - Exar Corporation SP3223EB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3223E/EB/EU_0_06272
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with TAMB = TMIN to TMAX.
Typical values apply at V
CC = +3.3V or +5.0V and TAMB = 25°C (Note 2).
ELECTRICAL CHARACTERISTICS
NOTE 2: C1 - C4 = 0.1µF, tested at 3.3V ±10%.
C1 = 0.047µF, C2-C4 = 0.33µF, tested at 5V±10%.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Driver Outputs
Output Voltage Swing
+/-5.0
+/-5.4
V
All Driver outputs loaded with 3kΩ
to GND, T
AMB = +25ºC
Output Resistance
300
Ω
Vcc = V+ = V- = 0V, Vout = +/-2V
Output Short-Circuit Current
+/-35
+/-60
mA
Vout = 0V
Output Leakage Current
+/-25
µA
Vcc = 0V or 3.0V to 5.5V, Vout =
+/-2V, Driver disabled
RECEIVER INPUTS
Input Voltage Range
-5
+5
V
Input Threshold LOW
0.6
.2
V
Vcc = 3.3V
Input Threshold LOW
0.8
.5
V
Vcc = 5.0V
Input Threshold HIGH
.5
2.4
V
Vcc = 3.3V
Input Threshold HIGH
.8
2.4
V
Vcc = 5.0V
Input Hysteresis
0.3
V
Input Resistance
3
5
7
k Ω
AUTO ON-LINE® CIRCUITRY CHARACTERISTICS (ONLINE = GND, SHUTDOWN = Vcc)
STATUS Output Voltage LOW
0.4
V
I
OUT = .6mA
STATUS Output Voltage HIGH
Vcc - 0.6
V
I
OUT = -.0mA
Receiver Threshold to Drivers
Enabled (t
ONLINE)
200
µs
Figure 5
Receiver Positive or Negative
Threshold to STATUS HIGH
(t
STSH)
0.5
µs
Figure 5
Receiver Positive or Negative
Threshold to STATUS LOW
(t
STSL)
20
µs
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com