Electronic Components Datasheet Search
  English  ▼

X  

SP3223EB Datasheet(PDF) 6 Page - Exar Corporation

Part # SP3223EB
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3223EB Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP3223EB Datasheet HTML 2Page - Exar Corporation SP3223EB Datasheet HTML 3Page - Exar Corporation SP3223EB Datasheet HTML 4Page - Exar Corporation SP3223EB Datasheet HTML 5Page - Exar Corporation SP3223EB Datasheet HTML 6Page - Exar Corporation SP3223EB Datasheet HTML 7Page - Exar Corporation SP3223EB Datasheet HTML 8Page - Exar Corporation SP3223EB Datasheet HTML 9Page - Exar Corporation SP3223EB Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-707 • www.exar.com
SP3223E/EB/EU_0_06272
6
Unless otherwise noted, the following performance characteristics apply for V
CC = +3.3V, 250Kbps data rate, all
drivers loaded with 3kΩ, 0.1µF charge pump capacitors, and T
AMB = +25°C.
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Transmitter Output Voltage VS. Load
Capacitance for the SP3223EB
Figure 3. Slew Rate VS. Load Capacitance for the
SP3223EB
30
25
20
15
10
5
0
0
500
1000
2000 3000
4000
5000
Load Capacitance (pF)
- Slew
+ Slew
1 Transmitter at 250Kbps
1 Transmitter at 15.6Kbps
All drivers loaded 3K + Load Cap
35
30
25
20
15
10
5
0
Load Capacitance (pF)
0
1000
2000
3000
4000
5000
250Kbps
125Kbps
20Kbps
1 Transmitter at 250Kbps
1 Transmitter at 15.6Kbps
All drivers loaded 3K + Load Cap
Figure 4. Supply Current VS. Load Capacitance
when Transmitting Data for the SP3223EB
Figure 5. Supply Current VS. Supply Voltage for
the SP3223EB
20
15
10
5
0
2.7
3
3.5
4
4.5
5
Supply V oltage (V DC)
1 Transmitter at 250Kbps
2 Transmitters at 15.6Kbps
All drivers loaded with 3K // 1000pF
Figure 6. Transmitter Output Voltage VS. Supply
Voltage for the SP3223EB
6
4
2
0
-2
-4
-6
0
1000
2000
3000
4000
5000
TxOUT +
TxOUT -
Load Capacitance (pF)
6
4
2
0
-2
-4
-6
2.7
3
3.5
4
4.5
5
Supply V oltage (V DC)
Tx OUT -
Tx OUT +
Supply Voltage (Vdc)
Supply Voltage (Vdc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com